Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC30J30CA Datasheet(PDF) 9 Page - STMicroelectronics

Part # SMC30J30CA
Description  3000 W Transil™
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J30CA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SMC30J30CA Datasheet HTML 2Page - STMicroelectronics SMC30J30CA Datasheet HTML 3Page - STMicroelectronics SMC30J30CA Datasheet HTML 4Page - STMicroelectronics SMC30J30CA Datasheet HTML 5Page - STMicroelectronics SMC30J30CA Datasheet HTML 6Page - STMicroelectronics SMC30J30CA Datasheet HTML 7Page - STMicroelectronics SMC30J30CA Datasheet HTML 8Page - STMicroelectronics SMC30J30CA Datasheet HTML 9Page - STMicroelectronics SMC30J30CA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SMC30J
Ordering information
Doc ID 022064 Rev 1
9/10
4
Ordering information
Table 6.
Ordering information
5
Revision history
02-Jul
Order code
Marking
Package
Weight
Base qty
Delivery mode
SMC30JxxxA/CA(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 3 for list of available devices and their order codes
See Table 5 on page 8
SMC
0.25 g
2500
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
28-Jul-2011
1
Initial release.


Similar Part No. - SMC30J30CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J30CA STMICROELECTRONICS-SMC30J30CA Datasheet
672Kb / 13P
   3000 W TVS in SMC
Rev 7 - January 2022
More results

Similar Description - SMC30J30CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
   Transil™
July 2010 Doc ID 5544 Rev 12
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com