Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3002 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # T3002
Description  T3/DS3/E3/STS-1 TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T3002 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  T3002 Datasheet HTML 1Page - Pulse A Technitrol Company T3002 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single SMT
Single THT
Single THT (3 kVrms)
IC Manufacturer/
Standard Temperature
Extended Temperature
IC Part Number
Transmit
Receive
Transmit
Receive
Transmit
Receive
Transmit
Receive
Conexant (Rockwell)
CN8331, CN8332, CN8333
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
Infineon Technologies
PEB3452
T3027
T3011/T3001
Lucent Technologies
T7296
PE-65967
T3001
PE-65966
PE-68629
Exar
XRT7295, XRT7295E
PE-65967
T3001
PE-65966
PE-68629
XRT7296, XRT7298
PE-65967
T3001
PE-65966
PE-68629
XRT73L00/L03/L04
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
XRT7300, XRT7302
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
TDK Semiconductor
78P2241
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
78P2244/43/42
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
78P7200L
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
78P7200
PE-65968
PE-65967
T3002
T3002
PE-65969
PE-65969
PE-68630
PE-68630
78P2361, 78P2362
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
Transwitch
MRT TXC-02050, E3
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
ART TXC-02020
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
ARTE TXC-02021
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
DART TXC-2030, DS3
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
DART TXC-2030, E3
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
DS3LIM-SN TXC-20153G
PE-65967
PE-65967
T3001
T3001
PE-65966
PE-65966
PE-68629
PE-68629
E3LIM TXC-20163
PE-65968
PE-65967
T3002
T3001
PE-65969
PE-65966
PE-68630
PE-68629
NOTE: For Standard temperature products, please see data sheet T606.
Transformer Selection Guide
Application Notes
1. The transformers have been developed for use as transmit
and receive transformers in T3 or DS3 links, using bit rates
of 44.736Mbps and B3ZS coding on coaxial cable. The
characteristics allow compliance with the pulse templates of
CCITT G.703 as well as ATT T.A.34. The transformers are
also suitable for the E3 interface at 34.368Mbps with HDB3
coding or STS-1 applications, at 51.84Mbps according to
Bellcore TA-NWT-000253.
2. Bandwidth specifications are typical in a 75
Ω system.
Return loss meets the requirements of G.703. Materials used
intheproducts are UL94-V0 recognized. Products meet the
requirements of IEC 695-2-2 (Needle Flame Test).
3. The surface mount LS package is available with optional tape
and reel packaging. To order, add a “T” suffix to the part
number (i.e.: T3001NLT).
T3/DS3/E3/STS-1 TRANSFORMERS
Extended Temperature Range
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Tao Yuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
www.pulseeng.com
T619.B (11/07)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2007. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - T3002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T3002 PULSE-T3002 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002 PULSE-T3002 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002 PULSE-T3002 Datasheet
154Kb / 8P
   TRANSFORMERS
T3002 PULSE-T3002 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002NL PULSE-T3002NL Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
More results

Similar Description - T3002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF04061-2S XFMRS-XF04061-2S Datasheet
69Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com