Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF15A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SMF15A
Description  Surface Mount ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF15A Datasheet(HTML) 4 Page - Vishay Siliconix

  SMF15A Datasheet HTML 1Page - Vishay Siliconix SMF15A Datasheet HTML 2Page - Vishay Siliconix SMF15A Datasheet HTML 3Page - Vishay Siliconix SMF15A Datasheet HTML 4Page - Vishay Siliconix SMF15A Datasheet HTML 5Page - Vishay Siliconix SMF15A Datasheet HTML 6Page - Vishay Siliconix SMF15A Datasheet HTML 7Page - Vishay Siliconix SMF15A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMF5V0A to SMF58A
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 17-Oct-13
4
Document Number: 85881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 8 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 9 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 10 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 11 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 12 - Typical Reverse Voltage VR vs. Reverse Current IR
22721
VR in V
500
600
300
400
200
100
0
0.01
0.1
1
10
SMF
SMF11A
SMF12A
SMF13A
SMF14A
SMF15A
SMF16A
SMF17A
SMF18A
SMF20A
f = 1MHz
22722
VR in V
1000
1200
600
800
200
400
0
20
0.01
0.1
1
10
SMF8V0
SMF5V0A
SMF6V0A
SMF6V5A
SMF7V0A
SMF7V5A
SMF8V0A
SMF8V5A
SMF9V0A
SMF10A
f = 1MHz
22723
IR in μA
9
10
7
8
5
6
4
5
0.01
1
100
10 000
T
J = Junction Temperature = 25 °C
   
SMF8V0A
SMF7V5A
SMF7V0A
SMF6V5A
SMF6V0A
SMF5V0A
22724
IR in μA
18
20
14
16
10
12
8
10
0.01
1
100
10 000
  
  
SMF16A
SMF15A
SMF14A
SMF13A
SMF12A
SMF11A
SMF10A
SMF9V0A
SMF8V5A
T
J = Junction Temperature = 25 °C
22725
IR in μA
35
40
30
20
25
15
   
0.01
1
100
10 000
T
J = Junction Temperature = 25 °C
SMF33A
SMF30A
SMF28A
SMF26A
SMF22A
SMF24A
SMF20A
SMF18A
SMF17A
22726
IR in μA
0.01
1
100
10 000
65
70
     
55
60
45
50
40
45
T
J = Junction Temperature = 25 °C
SMF58A
SMF54A
SMF51A
SMF48A
SMF40A
SMF43A
SMF45A
SMF36A


Similar Part No. - SMF15A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SMF15A DGNJDZ-SMF15A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF15A VISHAY-SMF15A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF15A RFE-SMF15A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Vishay Siliconix
SMF15A VISHAY-SMF15A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF15A ANOVA-SMF15A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF15A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com