Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV175A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LV175A
Description  Quad. D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV175A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV175A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV175A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74LV175A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maxi-
mum
clock
fre-
quency
fmax
50
105
45
MHz
C
L = 15 pF
40
80
35
C
L = 50 pF
Propa-
gation
delay
time
t
PLH / tPHL
9.3
18.8
1.0
22.0
ns
C
L = 15 pF
CLK
Q,
Q
12.0
23.3
1.0
27.0
C
L = 50 pF
t
PHL
7.9
16.6
1.0
20.0
C
L = 15 pF
CLR
10.4
21.6
1.0
25.5
C
L = 50 pF
Setup
time
t
SU
7.0
7.5
ns
Data before CLK
7.0
7.5
CLR inactive before
CLK
Hold
time
t
h
0.5
1.0
ns
Data after CLK
Pulse
width
t
W
6.0
6.0
ns
CLR L
6.5
7.0
CLK H or L


Similar Part No. - HD74LV175A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results

Similar Description - HD74LV175A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC175 RENESAS-HD74HC175 Datasheet
101Kb / 7P
   Quad. D-type Flip-Flops (with Clear)
HD74HC175 RENESAS-HD74HC175_15 Datasheet
122Kb / 9P
   Quad. D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC175 HITACHI-HD74HC175 Datasheet
59Kb / 9P
   Quad. D-typ Flip-Flops (with Clear)
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com