Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV221A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74LV221A
Description  Dual Monostable Multivibrators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV221A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74LV221A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 12Page - Hitachi Semiconductor HD74LV221A Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HD74LV221A
9
Operating Characteristics
• C
L = 50 pF
Ta = 25
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test Conditions
Power
dissipation
capacitance
C
PD
3.3
74.0
pF
f = 10 MHz
5.0
86.0
Test Circuit
L
C = 15 pF or 50 pF
L
C = 15 pF or 50 pF
Q
Cext
Cext
Rext/
Cext
Rext
–+
Q
Output
A
CLR
B
CC
V
CC
V
Output
GND
Input
CC
V
Cext = 28 pF or 100 pF or 0.01
µF or 0.1 µF
Rext = 1 k
Ω or 2 kΩ or 10 kΩ
Refer
to
Func-
tion
Table
Note : C includes the probe and jig capacitance.
L


Similar Part No. - HD74LV221A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
HD74LV221AFPEL RENESAS-HD74LV221AFPEL Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
HD74LV221AFPEL RENESAS-HD74LV221AFPEL Datasheet
139Kb / 16P
   Dual Monostable Multivibrators
HD74LV221ARPEL RENESAS-HD74LV221ARPEL Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
HD74LV221ARPEL RENESAS-HD74LV221ARPEL Datasheet
139Kb / 16P
   Dual Monostable Multivibrators
More results

Similar Description - HD74LV221A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
   Dual Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A_15 Datasheet
139Kb / 16P
   Dual Monostable Multivibrators
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
   Dual Monostable Multivibrators
HD74LS221 RENESAS-HD74LS221 Datasheet
104Kb / 9P
   Dual Monostable Multivibrators
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com