Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V481HF34 Datasheet(PDF) 3 Page - Littelfuse

Part # V481HF34
Description  Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V481HF34 Datasheet(HTML) 3 Page - Littelfuse

  V481HF34 Datasheet HTML 1Page - Littelfuse V481HF34 Datasheet HTML 2Page - Littelfuse V481HF34 Datasheet HTML 3Page - Littelfuse V481HF34 Datasheet HTML 4Page - Littelfuse V481HF34 Datasheet HTML 5Page - Littelfuse V481HF34 Datasheet HTML 6Page - Littelfuse V481HF34 Datasheet HTML 7Page - Littelfuse V481HF34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: July 11, 2010
HB34, HF34 and HG34 Varistor Series
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/hb34.html or /hf34 or /hg34.thml
for current information.
HF34 Series Ratings & Specifications
Lead–free
and RoHS
Compliant Models
Model
Size
Disc
Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at 1mA
DC Test Current
Maximum
Clamping Voltage
V
C at 200A
Current (8/20μs)
Typical
Capaci-
tance
V
RMS
V
Energy
(2ms)
Peak
Current
8 x 20 μs
Part Number
V
M(AC)
V
W
TM
I
TM
Min
V
Max
V
C
f = 1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(pF)
V111HF34
34
110
148
220
40,0001
156
173
288
11,600
V131HF34
34
130
175
270
40,0002
184
200
228
345
10,000
V141HF34
34
140
188
40,0003
220
248
375
V151HF34
34
150
200
300
40,0004
212
240
268
405
8,000
V181HF34
34
180
240
330
40,000
254
282
310
468
6,800
V201HF34
34
200
265
350
40,000
283
314
345
533
6,350
V251HF34
34
250
330
370
40,000
354
650
5,000
V271HF34
34
275
370
400
40,000
430
473
730
4,500
V301HF34
34
300
410
430
40,000
433
478
526
780
4,100
V321HF34
34
320
420
460
40,000
462
510
561
830
3,800
V331HF34
34
330
435
475
40,000
467
570
843
3,750
V351HF34
34
350
460
500
40,000
550
604
3,600
34
385
510
550
40,000
545
604
663
1,000
3,500
V421HF34
34
420
560
600
40,000
610
680
748
1,130
3,000
V441HF34
34
440
587
620
40,000
622
1,150
V481HF34
34
480
640
650
40,000
670
750
825
1,240
2,700
V511HF34
34
510
675
700
40,000
735
820
1,350
2,500
V551HF34
34
550
710
755
40,000
778
864
1,404
V571HF34
34
570
730
770
40,000
805
1000
1,480
2,200
V661HF34
34
660
850
40,000
1050
1160
1,720
2,000
V681HF34
34
680
875
40,000
1068
1173
1777
V751HF34
34
750
1050
40,000
1080
1200
1320
2,000
1,800
RMS
RMS
RMS
RMS


Similar Part No. - V481HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V481HA32 LITTELFUSE-V481HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V481HA40 LITTELFUSE-V481HA40 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V481HA40 MDE-V481HA40 Datasheet
63Kb / 1P
   Metal Oxide Varistors
logo
Littelfuse
V481HB34 LITTELFUSE-V481HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
More results

Similar Description - V481HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
   The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com