Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV244A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV244A
Description  Octal Buffers / Drivers with 3-state Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV244A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV244A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV244A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HD74LV244A
7
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
t
PLH
t
PHL
7.5
12.5
1.0
15.0
ns
C
L = 15 pF
A
Y
9.5
15.3
1.0
18.0
C
L = 50 pF
Enable time
t
ZH
t
ZL
8.9
14.6
1.0
17.0
ns
C
L = 15 pF
OE
Y
10.8
17.8
1.0
21.0
C
L = 50 pF
Disable
time
t
HZ
t
LZ
9.1
14.1
1.0
16.0
ns
C
L = 15 pF
OE
Y
13.4
19.2
1.0
21.0
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
t
PLH
t
PHL
5.4
8.4
1.0
10.0
ns
C
L = 15 pF
A
Y
6.8
11.9
1.0
13.5
C
L = 50 pF
Enable time
t
ZH
t
ZL
6.3
10.6
1.0
12.5
ns
C
L = 15 pF
OE
Y
7.8
14.1
1.0
16.0
C
L = 50 pF
Disable
time
t
HZ
t
LZ
7.6
11.7
1.0
13.0
ns
C
L = 15 pF
OE
Y
11.0
16.0
1.0
18.0
C
L = 50 pF


Similar Part No. - HD74LV244A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV244AFPEL RENESAS-HD74LV244AFPEL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV244AFPEL RENESAS-HD74LV244AFPEL Datasheet
108Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV244ARPEL RENESAS-HD74LV244ARPEL Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
HD74LV244ARPEL RENESAS-HD74LV244ARPEL Datasheet
108Kb / 12P
   Octal Buffers / Drivers with 3-state Outputs
More results

Similar Description - HD74LV244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com