Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V661HG34 Datasheet(PDF) 1 Page - Littelfuse

Part # V661HG34
Description  Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V661HG34 Datasheet(HTML) 1 Page - Littelfuse

  V661HG34 Datasheet HTML 1Page - Littelfuse V661HG34 Datasheet HTML 2Page - Littelfuse V661HG34 Datasheet HTML 3Page - Littelfuse V661HG34 Datasheet HTML 4Page - Littelfuse V661HG34 Datasheet HTML 5Page - Littelfuse V661HG34 Datasheet HTML 6Page - Littelfuse V661HG34 Datasheet HTML 7Page - Littelfuse V661HG34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: July 11, 2010
HB34, HF34 and HG34 Varistor Series
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/hb34.html or /hf34 or /hg34.thml
for current information.
HB34, HF34 and HG34 Varistor Series
Description
The HB34, HF34, and HG34 Series of transient surge
suppressors are industrial high-energy Metal-Oxide
Varistors (MOVs). They are designed to provide surge
suppression in the AC mains outdoor and service entrance
environment (distribution panels) of buildings. Applications
also include industrial heavy motors, controls, and power
supplies such as used in the oil-drilling, mining, and
transportation fields, including HVAC and motor/generator
applications.
The HB34 Series provides rigid terminals for through-
hole solder mounting on printed circuit boards, thereby
eliminating the need for screw mounting. The HF34
Series has the same rigid through-hole terminals as the
HB34 with the addition of mounting holes for bolt-down
mounting and longer terminals to allow for additional
mounting flexibility. The HG34 has formed feet with
mounting holes for vertical bolt-down mounting.
See Ratings and Specifications table for part numbers.
Features
Free and RoHS
Compliant available
voltage range
V
M(AC)RMS 110V to 750V
capability
TM = 220J to 1050J
current capability
I
TM = 40,000A
secure through-hole
solder mounting
85ºC ambient
Agency Approvals
Absolute Maximum Ratings
Agency
Agency File Number
E320116
Continuous
Hx34 Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
110 to 750
V
)
V
Transients:
TM)
For 8/20μ
40000
A
Single Pulse Energy Range
TM)
220 to 1050
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
2500
V
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This
is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.
RoHS


Similar Part No. - V661HG34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V661HA32 LITTELFUSE-V661HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V661HA40 LITTELFUSE-V661HA40 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V661HB34 LITTELFUSE-V661HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
More results

Similar Description - V661HG34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
   The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com