Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV373 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74LV373
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV373 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LV373 Datasheet HTML 1Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 2Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 3Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 4Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 5Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 6Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 7Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 8Page - Hitachi Semiconductor HD74LV373 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HD74LV373A
4
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
2.0
5.5
V
Input voltage range
V
I
0
5.5
V
Output voltage range
V
O
0V
CC
V
H or L
0
5.5
High impedance state
Output current
I
OH
–50
µAV
CC = 2.0 V
—–2
mA
V
CC = 2.3 to 2.7 V
—–8
V
CC = 3.0 to 3.6 V
–16
V
CC = 4.5 to 5.5 V
I
OL
—50
µAV
CC = 2.0 V
2
mA
V
CC = 2.3 to 2.7 V
—8
V
CC = 3.0 to 3.6 V
—16
V
CC = 4.5 to 5.5 V
Input transition rise or fall rate
∆t /∆v
0
200
ns/V
V
CC = 2.3 to 2.7 V
0
100
V
CC = 3.0 to 3.6 V
020
V
CC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
To Seven Other Channels
OE
1D
1Q
3
1
2
11
LE
C1
1D


Similar Part No. - HD74LV373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV373A RENESAS-HD74LV373A Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373AFPEL RENESAS-HD74LV373AFPEL Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373AFPEL RENESAS-HD74LV373AFPEL Datasheet
110Kb / 13P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373ARPEL RENESAS-HD74LV373ARPEL Datasheet
86Kb / 11P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LV373ARPEL RENESAS-HD74LV373ARPEL Datasheet
110Kb / 13P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LV373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com