Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV4053A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV4053A
Description  Triple 2-channel Analog Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV4053A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV4053A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV4053A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HD74LV4053A
7
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
delay time
t
PLH
t
PHL
1.5
4.0
7.0
ns
C
L = 15 pF
COM
or Yn
Yn or
COM
3.0
6.0
8.0
C
L = 50 pF
Enable time
t
ZH
t
ZL
4.0
8.0
10.0
ns
R
L = 1 kΩ
C
L = 15 pF
INH
COM
or Yn
5.0
14.0
18.0
C
L = 50 pF
Disable
time
t
HZ
t
LZ
5.0
8.0
10.0
ns
R
L = 1 kΩ
C
L = 15 pF
INH
COM
or Yn
8.0
14.0
18.0
C
L = 50 pF


Similar Part No. - HD74LV4053A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053AFPEL RENESAS-HD74LV4053AFPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053AFPEL RENESAS-HD74LV4053AFPEL Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053ARPEL RENESAS-HD74LV4053ARPEL Datasheet
129Kb / 13P
   Triple 2-channel Analog Multiplexer / Demultiplexer
HD74LV4053ARPEL RENESAS-HD74LV4053ARPEL Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV4053A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com