Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZ3642-15D Datasheet(PDF) 9 Page - NEC

Part # NEZ3642-15D
Description  15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEZ3642-15D Datasheet(HTML) 9 Page - NEC

Back Button NEZ3642-15D Datasheet HTML 4Page - NEC NEZ3642-15D Datasheet HTML 5Page - NEC NEZ3642-15D Datasheet HTML 6Page - NEC NEZ3642-15D Datasheet HTML 7Page - NEC NEZ3642-15D Datasheet HTML 8Page - NEC NEZ3642-15D Datasheet HTML 9Page - NEC NEZ3642-15D Datasheet HTML 10Page - NEC NEZ3642-15D Datasheet HTML 11Page - NEC NEZ3642-15D Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
15 W C-BAND Po GaAs FET NEZ SERIES
9
NEZ6472-15DD
VDS = 10 V, IDS = 4 000 mA, VGS = –1.452 V, IG = 0.0 mA, RG = 50
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.981
–154.0
6.310
96.6
0.004
21.8
0.886
175.4
0.200
0.980
–171.8
3.032
81.3
0.002
1.0
0.888
174.9
0.500
0.985
171.4
1.160
52.7
0.002
7.3
0.896
165.8
1.000
0.983
153.2
0.549
13.4
0.003
9.9
0.887
149.1
1.500
0.979
135.7
0.381
–19.5
0.005
8.7
0.904
132.5
2.000
0.974
119.1
0.327
–51.1
0.006
0.5
0.904
112.8
2.500
0.966
101.9
0.345
–82.8
0.010
–22.6
0.892
87.4
3.000
0.965
82.2
0.428
–118.9
0.012
–49.5
0.831
56.7
3.500
0.966
59.6
0.634
–163.3
0.019
–84.0
0.696
10.8
4.000
0.958
33.3
0.977
138.5
0.029
–149.1
0.512
–66.4
4.500
0.904
–3.9
1.354
69.6
0.019
131.6
0.503
–171.1
5.000
0.794
–59.9
1.838
–0.2
0.015
29.9
0.604
115.2
5.100
0.765
–74.8
1.953
–15.1
0.015
3.6
0.624
103.2
5.200
0.732
–91.1
2.066
–30.7
0.017
–24.9
0.637
91.6
5.300
0.701
–108.7
2.175
–46.3
0.020
–45.2
0.643
80.2
5.400
0.672
–127.3
2.266
–62.3
0.022
–67.6
0.645
68.8
5.500
0.645
–146.5
2.345
–78.5
0.026
–91.2
0.644
56.9
5.600
0.626
–166.4
2.419
–94.6
0.030
–110.9
0.634
45.3
5.700
0.616
174.0
2.480
–110.9
0.034
–131.5
0.619
33.0
5.800
0.608
154.7
2.519
–126.6
0.038
–150.6
0.588
20.9
5.900
0.604
136.4
2.547
–142.8
0.044
–170.3
0.564
7.7
6.000
0.604
119.4
2.562
–158.2
0.046
171.5
0.528
–5.3
6.100
0.608
103.7
2.576
–173.4
0.048
154.8
0.499
–17.7
6.200
0.606
88.5
2.609
171.6
0.050
139.1
0.461
–31.0
6.300
0.607
73.6
2.663
156.3
0.053
124.3
0.427
–44.4
6.400
0.604
59.5
2.748
141.0
0.056
109.8
0.390
–59.2
6.500
0.581
45.2
2.794
125.4
0.060
94.2
0.354
–75.9
6.600
0.553
31.3
2.859
109.2
0.064
79.6
0.319
–93.8
6.700
0.512
17.0
2.901
92.5
0.067
64.4
0.287
–114.5
6.800
0.463
1.5
2.935
75.5
0.071
49.1
0.263
–138.0
6.900
0.406
–15.0
2.947
58.9
0.074
32.5
0.247
–162.9
7.000
0.345
–33.9
2.950
41.7
0.077
16.9
0.238
171.2
7.100
0.288
–58.7
2.950
23.6
0.081
–0.1
0.233
147.2
7.200
0.255
–87.6
2.943
6.2
0.084
–18.8
0.216
124.5
7.300
0.256
–122.9
2.932
–11.3
0.083
–35.4
0.197
105.6
7.400
0.299
–154.8
2.882
–29.5
0.083
–53.1
0.160
84.7
7.500
0.371
179.6
2.826
–48.0
0.082
–70.5
0.113
67.2
7.600
0.455
159.1
2.723
–66.7
0.081
–90.3
0.050
41.9
7.700
0.537
141.6
2.605
–85.7
0.078
–107.0
0.036
–119.9
7.800
0.616
126.2
2.434
–104.9
0.073
–124.9
0.125
–147.9
7.900
0.678
113.0
2.251
–123.4
0.069
–143.6
0.224
–165.9
8.000
0.724
100.4
2.041
–142.1
0.064
–162.9
0.318
178.3
8.100
0.754
89.2
1.843
–160.1
0.059
179.4
0.416
162.7
8.200
0.775
79.2
1.637
–177.2
0.052
162.4
0.498
148.3
8.500
0.791
53.1
1.090
135.3
0.037
113.8
0.675
110.2
9.000
0.784
18.3
0.561
71.2
0.023
37.9
0.846
62.6
9.500
0.757
–16.4
0.324
19.8
0.017
–40.2
0.929
30.0
10.000
0.663
–55.1
0.221
–26.6
0.021
–152.9
0.921
1.8


Similar Part No. - NEZ3642-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8D NEC-NEZ3642-8D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-8DD NEC-NEZ3642-8DD Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results

Similar Description - NEZ3642-15D

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
   4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com