Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV86A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV86A
Description  Quad. 2-input Exclusive-OR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV86A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV86A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV86A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HD74LV86A
7
Operating Characteristics
• C
L = 50 pF
Ta = 25
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test Conditions
Power
dissipation
capacitance
C
PD
3.3
TBD
pF
f = 10 MHz
5.0
TBD
Noise Characteristics
• C
L = 50 pF
Ta = 25
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output,
maximum
dynamic V
OL
V
OL (P)
3.3
TBD
0.8
V
Quiet output,
minimum
dynamic V
OL
V
OL (V)
3.3
TBD
–0.8
Quiet output,
minimum
dynamic V
OH
V
OH (V)
3.3
TBD
High-level
dynamic
input voltage
V
IH (D)
3.3
2.31
V
Low-level
dynamic
inout voltage
V
IL (D)
3.3
0.99


Similar Part No. - HD74LV86A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A Datasheet
70Kb / 9P
   Quad. 2-input Exclusive-OR Gates
HD74LV86AFPEL RENESAS-HD74LV86AFPEL Datasheet
70Kb / 9P
   Quad. 2-input Exclusive-OR Gates
HD74LV86AFPEL RENESAS-HD74LV86AFPEL Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
HD74LV86ARPEL RENESAS-HD74LV86ARPEL Datasheet
70Kb / 9P
   Quad. 2-input Exclusive-OR Gates
HD74LV86ARPEL RENESAS-HD74LV86ARPEL Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
More results

Similar Description - HD74LV86A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC386 RENESAS-HD74HC386 Datasheet
83Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86_15 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
National Semiconductor ...
5486 NSC-5486 Datasheet
99Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Renesas Technology Corp
HD74HC86 RENESAS-HD74HC86 Datasheet
91Kb / 7P
   Quad. 2-input Exclusive-OR Gates
logo
Unisonic Technologies
U74HC86 UTC-U74HC86 Datasheet
174Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LV86A RENESAS-HD74LV86A_15 Datasheet
94Kb / 11P
   Quad. 2-input Exclusive-OR Gates
HD74LV86A RENESAS-HD74LV86A Datasheet
70Kb / 9P
   Quad. 2-input Exclusive-OR Gates
logo
National Semiconductor ...
DM54LS86 NSC-DM54LS86 Datasheet
112Kb / 6P
   Quad 2-Input Exclusive-OR Gates
logo
Hitachi Semiconductor
HD74HC386 HITACHI-HD74HC386 Datasheet
39Kb / 7P
   Quad. 2-input Exclusive-OR Gates
HD74HC86 HITACHI-HD74HC86 Datasheet
45Kb / 8P
   Quad. 2-input Exclusive-OR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com