Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC210LL-560L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # TC210LL-560L-RC
Description  Low Loss High Current Toroid Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC210LL-560L-RC Datasheet(HTML) 1 Page - Allied Components International

  TC210LL-560L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• High current capacity up to 21.4A
Electrical
Inductance Range: 1.0µh to 1000µh
Additional values available
Tolerance: 1.0uH~8.2uH @ 20%,
10uH~1000uH @15%
( )TC210LL-1R0L-RC
( )TC210LL-1R5L-RC
( )TC210LL-2R2L-RC
( )TC210LL-3R3L-RC
( )TC210LL-4R7L-RC
( )TC210LL-5R6L-RC
( )TC210LL-6R8L-RC
( )TC210LL-8R2L-RC
( )TC210LL-100L-RC
( )TC210LL-120L-RC
( )TC210LL-150L-RC
( )TC210LL-180L-RC
( )TC210LL-220L-RC
( )TC210LL-270L-RC
( )TC210LL-330L-RC
( )TC210LL-390L-RC
( )TC210LL-470L-RC
( )TC210LL-560L-RC
( )TC210LL-680L-RC
( )TC210LL-820L-RC
( )TC210LL-101L-RC
( )TC210LL-121L-RC
Allied
Part
Number
Inductance
(
µH)
L(µH)
@
I rated
IDC
(A)
DIM
(Nom)
1.0
1.5
2.2
3.3
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
21.4
18.5
16.5
15.1
14.0
13.1
12.3
11.7
9.9
9.6
9.1
8.6
6.7
6.4
6.1
5.9
5.6
5.3
5.1
4.6
4.3
4.1
.80
.80
.80
.80
.80
.80
.80
.80
.80
.80
.80
.80
.78
.78
.78
.78
.76
.76
.76
.76
.76
.76
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.042
.042
.042
.042
.034
.034
.034
.034
.034
.034
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC210LL-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
0.8
1.1
1.5
2.1
2.9
3.3
3.9
4.5
5.2
6.1
7.3
8.5
11.8
14.2
16.6
18.8
25.3
29.3
34.0
39.9
46.2
53.5
.37
.37
.37
.37
.37
.37
.37
.37
.37
.37
.37
.37
.35
.35
.35
.35
.33
.33
.40
.40
.40
.40
.002
.002
.003
.003
.003
.004
.004
.005
.005
.006
.006
.007
.012
.012
.014
.015
.024
.026
.030
.032
.036
.039
Tolerance
(%)
20
20
20
20
20
20
20
20
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Low Loss High Current Toroid Choke
TC210LL
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.45
(11.43)
MAX
A
B
C
0.86
(21.84)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.062
(1.57)
• Available in Horizontal or Vertical configuration
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +125ºC
Temp Rise:
∆ T=30ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
03/28/2014
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C
• Low Core Loss Series
( )TC210LL-151L-RC
( )TC210LL-181L-RC
( )TC210LL-221L-RC
( )TC210LL-271L-RC
( )TC210LL-331L-RC
( )TC210LL-391L-RC
( )TC210LL-471L-RC
( )TC210LL-561L-RC
( )TC210LL-680L-RC
( )TC210LL-821L-RC
( )TC210LL-102L-RC
150
180
220
270
330
390
470
560
680
820
1000
3.6
3.7
3.5
2.7
2.5
2.4
2.3
2.2
2.1
1.6
1.5
.76
.76
.76
.74
.74
.74
.76
.76
.76
.75
.75
.034
.034
.034
.027
.027
.027
.027
.027
.027
.022
.022
63.8
73.3
85.1
124.2
145.1
165.4
190.1
217.9
251.9
361.6
421.5
.40
.40
.40
.37
.37
.37
.38
.38
.38
.37
.37
.043
.048
.053
.093
.103
.112
.124
.134
.147
.257
.284
15
15
15
15
15
15
15
15
15
15
15


Similar Part No. - TC210LL-560L-RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC210 TI-TC210 Datasheet
195Kb / 13P
[Old version datasheet]   192- x 165-PIXEL CCD IMAGE SENSOR
logo
Allied Components Inter...
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
More results

Similar Description - TC210LL-560L-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2100LL-221-V-RC BOURNS-2100LL-221-V-RC Datasheet
95Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Bourns Electronic Solut...
2200LL-1R0-RC BOURNS-2200LL-1R0-RC Datasheet
438Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
XFMRS Inc.
2XF0100-VPM XFMRS-2XF0100-VPM Datasheet
42Kb / 1P
   Toroid Choke
XF1006-KM5 XFMRS-XF1006-KM5 Datasheet
42Kb / 1P
   Toroid Choke
XF1006-KM5 XFMRS-XF1006-KM5 Datasheet
42Kb / 1P
   Toroid Choke
XF1006-KM5 XFMRS-XF1006-KM5_15 Datasheet
42Kb / 1P
   TOROID CHOKE
2XF1006-VPM XFMRS-2XF1006-VPM Datasheet
42Kb / 1P
   Toroid Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com