Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC210HT-181L-RC Datasheet(PDF) 1 Page - Allied Components International

Part # TC210HT-181L-RC
Description  Toroidal Chokes High Temp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

TC210HT-181L-RC Datasheet(HTML) 1 Page - Allied Components International

  TC210HT-181L-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity up to 21A
Electrical
Inductance Range: 1.0µh to 1000µh
Additional values available
Tolerance: 15% over entire range
( )TC210HT-1R0L-RC
( )TC210HT-1R5L-RC
( )TC210HT-2R2L-RC
( )TC210HT-2R7L-RC
( )TC210HT-3R3L-RC
( )TC210HT-3R9L-RC
( )TC210HT-4R7L-RC
( )TC210HT-5R6L-RC
( )TC210HT-6R8L-RC
( )TC210HT-8R2L-RC
( )TC210HT-100L-RC
( )TC210HT-120L-RC
( )TC210HT-150L-RC
( )TC210HT-180L-RC
( )TC210HT-220L-RC
( )TC210HT-270L-RC
( )TC210HT-330L-RC
( )TC210HT-390L-RC
( )TC210HT-470L-RC
( )TC210HT-560L-RC
( )TC210HT-680L-RC
( )TC210HT-820L-RC
( )TC210HT-101L-RC
( )TC210HT-121L-RC
Allied
Part
Number
Inductance
(
µH)
L(µH)
@
I rated
IDC
(A)
DIM
(Nom)
1.0
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
21.7
19.8
18.3
17.1
16.1
15.3
14.9
14.3
13.7
13.2
9.9
9.6
9.1
8.6
6.7
6.4
6.1
5.9
5.6
5.3
5.1
4.8
4.6
3.5
.77
.77
.77
.77
.77
.77
.77
.77
.77
.77
.76
.76
.76
.76
.75
.75
.79
.79
.79
.79
.79
.79
.79
.77
.053
.053
.053
.053
.053
.053
.053
.053
.053
.053
.042
.042
.042
.042
.034
.034
.034
.034
.034
.034
.034
.034
.034
.027
Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number,
i.e. VTC210HT-100L (Vertical Mount). All specifications subject to change without notice.
DCR
(Ω)
0.8
1.2
1.8
2.1
2.6
3.0
3.5
4.1
4.9
5.9
7.6
9.0
11.0
13.0
16.6
20.1
24.0
28.0
33.1
38.5
46.0
54.0
64.5
84.4
.34
.34
.34
.34
.34
.34
.34
.34
.34
.34
.33
.33
.33
.33
.32
.32
.35
.35
.35
.35
.35
.35
.35
.34
.003
.003
.004
.004
.005
.005
.006
.006
.006
.007
.012
.013
.014
.016
.026
.028
.031
.033
.036
.040
.044
.049
.053
.094
Tolerance
(%)
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
15
Toroidal Chokes High Temp
TC210HT
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Vertical Mount
Horizontal Mount
0.45
(11.43)
MAX
A
B
C
0.86
(21.84)
MAX
Dimensions:
Inches
(mm)
Tin lead to coil
0.50
(12.70)
• Available in Horizontal or Vertical configuration
• Optional Tape Cover
Test Frequency: 1KHz
Operating Temp: -55ºC ~ +200ºC
Temp Rise:
∆ T=30ºC Typical at rated IDC
Test Equipment
(L): 100 LCR meter or equivalent
DCR: Chen Hwa 502
Physical
Packaging: Bulk
Marking: None
REVISED 6/25/10
@ 1KHZ
MAX
A
DIM
(Nom)
B
DIM
(Nom)
C
• High Temperature rating up to 200ºC
( )TC210HT-151L-RC
( )TC210HT-181L-RC
( )TC210HT-221L-RC
( )TC210HT-271L-RC
( )TC210HT-331L-RC
( )TC210HT-391L-RC
( )TC210HT-471L-RC
( )TC210HT-561L-RC
( )TC210HT-680L-RC
( )TC210HT-821L-RC
( )TC210HT-102L-RC
150
180
220
270
330
390
470
560
680
820
1000
3.3
3.1
3.0
2.8
2.7
2.1
2.0
1.9
1.8
1.7
1.6
.77
.77
.79
.79
.79
.76
.79
.79
.79
.81
.81
.027
.027
.027
.027
.027
.022
.022
.022
.022
.022
.022
102.8
120.7
144.2
172.6
206.0
266.7
314.4
366.9
435.1
512.0
608.2
.34
.34
.35
.35
.35
.33
.35
.35
.35
.37
.37
.110
.120
.130
.140
.160
.270
.290
.320
.350
.390
.430
15
15
15
15
15
15
15
15
15
15
15
• Cross to Miller / Bourns 2100HT


Similar Part No. - TC210HT-181L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC210HT-181L-RC ALLIED-TC210HT-181L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT-181L-RC ALLIED-TC210HT-181L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
More results

Similar Description - TC210HT-181L-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC230HT-1R2L-RC ALLIED-TC230HT-1R2L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC230HT ALLIED-TC230HT Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT-1R0L-RC ALLIED-TC210HT-1R0L-RC_10 Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
TC210HT-1R0L-RC ALLIED-TC210HT-1R0L-RC Datasheet
1Mb / 1P
   Toroidal Chokes High Temp
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com