Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB2016 Datasheet(PDF) 6 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB2016
Description  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2016 Datasheet(HTML) 6 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2016 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2016 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
84
12
wound01_e-02
ELECTRICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
DC Bias characteristics(Measured by HP4285A+42841A)
DC Bias〔mA〕
LBC2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB1608
1
10
0.1
1
10
100
100
1000
1R0M
100M
DC Bias〔mA〕
LBMF1608
1
10
0.1
1
10
100
1000
1R0M
100□
4R7M
DC Bias〔mA〕
LB2012
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC2012
1
10
0.1
1
10
100
100
1000
1R0M
470□
100□
DC Bias〔mA〕
LBR2012
1
10
1
10
100
1000
100
1000
1R0M
101□
100□
DC Bias〔mA〕
LB2016
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC2016
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBR2518
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LB3218
1
10
0.1
1
100
10
1000
100
10000
1000
1R0M
101□
100□
DC Bias〔mA〕
LBC3225
1
10
0.1
1
100
10
100
10000
1000
101□R
100□R
1R0MR


Similar Part No. - LB2016

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LB20163R3M LINER-LB20163R3M Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LB20164R7M LINER-LB20164R7M Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
logo
ON Semiconductor
LB2016B100 ONSEMI-LB2016B100 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
LB2016B4R7 ONSEMI-LB2016B4R7 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
Pepperl+Fuchs Inc.
LB2016E PF-LB2016E Datasheet
309Kb / 5P
   Digital Output with Position Feedback
2021-12-01
More results

Similar Description - LB2016

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com