Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSH-J71C3-0CPHS-D5700 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # ELSH-J71C3-0CPHS-D5700
Description  Shuen
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-J71C3-0CPHS-D5700 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button ELSH-J71C3-0CPHS-D5700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 14Page - Everlight Electronics Co., Ltd ELSH-J71C3-0CPHS-D5700 Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LifecyclePhase:
Revision
: 8
Expired Period: Forever
Release Date:2011-11-03 11:08:05.0
DATASHEET
SMD HP Shuen
3W Series
11 Copyright © 2011, Everlight All Rights Reserved. Release Date: 10.28.2011. Issue No: DHE-0001163
www.everlight.com
White Bin Structure
Notes:
1.
The CCT range of Cool-White varies from 4745K to 7050K.
2.
The CCT range of Neutral-White varies from 3710K to 4745K.
3.
The CCT range of Warm-White varies from 2580K to 3710K
4.
Color coordinates measurement allowance : ±0.01
5.
Color bins are defined at IF=700mA operation.
Cool-White Bin Structure
Chromaticity specification defined by ANSI


Similar Part No. - ELSH-J71C3-0CPHS-D5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-J71C3-0CPHS-D5700 EVERLIGHT-ELSH-J71C3-0CPHS-D5700 Datasheet
1Mb / 36P
   Small package with high efficiency
More results

Similar Description - ELSH-J71C3-0CPHS-D5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSH-F41Y1-0LPNM-AA3A5 Datasheet
2Mb / 45P
   Shuen
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
2Mb / 45P
   Shuen
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
2Mb / 45P
   Shuen
ELSH-F91M1-0VPGS-C3000 EVERLIGHT-ELSH-F91M1-0VPGS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91N1-0CPGS-C4000 EVERLIGHT-ELSH-F91N1-0CPGS-C4000 Datasheet
2Mb / 45P
   Shuen
ELSH-J41M3-0CPHS-D3500 EVERLIGHT-ELSH-J41M3-0CPHS-D3500 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPGS-D5700 EVERLIGHT-ELSH-J71C3-0CPGS-D5700 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPHS-D6500 EVERLIGHT-ELSH-J71C3-0CPHS-D6500 Datasheet
1Mb / 36P
   Shuen
ELSH-F91M1-0VPHS-C3000 EVERLIGHT-ELSH-F91M1-0VPHS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
ELSH-J31C1-0VPGS-C6500 EVERLIGHT-ELSH-J31C1-0VPGS-C6500 Datasheet
2Mb / 45P
   Shuen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com