Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSWD-J31C1-1LPGC-C5700 Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # ELSWD-J31C1-1LPGC-C5700
Description  Shwo
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSWD-J31C1-1LPGC-C5700 Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 14Page - Everlight Electronics Co., Ltd ELSWD-J31C1-1LPGC-C5700 Datasheet HTML 15Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LifecyclePhase:
Revision
: 9
Expired Period: Forever
Release Date:2013-09-27 14:25:06.0
DATASHEET
SMD HP Shwo(D)
1W Series
11 Copyright © 2012, Everlight All Rights Reserved. Release Date: 11.14. 2012 Issue No:DHE-0001766
www.everlight.com
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.346
0.369
0.338
0.362
0.345
0.356
0.337
0.349
0.353
0.362
0.345
0.356
50K-1
0.355
0.376
50K-2
0.346
0.369
Reference Range: 4745~5000K
Reference Range: 5000~5310K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.345
0.356
0.337
0.349
0.344
0.343
0.337
0.337
0.352
0.349
0.344
0.343
50K-4
0.353
0.362
50K-3
0.345
0.356
Reference Range: 4745~5000K
Reference Range: 5000~5310K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.354
0.321
0.346
0.329
0.342
0.321
0.335
0.337
0.349
0.329
0.342
57K-1
0.338
0.362
57K-2
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.342
0.321
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
57K-4
0.337
0.349
57K-3
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.312
0.339
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
65K-1
0.321
0.348
65K-2
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.313
0.329
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
65K-4
0.321
0.337
65K-3
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K


Similar Part No. - ELSWD-J31C1-1LPGC-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSWD-J31C1-1LPGC-C6500 EVERLIGHT-ELSWD-J31C1-1LPGC-C6500 Datasheet
1,008Kb / 32P
   Shwo
More results

Similar Description - ELSWD-J31C1-1LPGC-C5700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com