Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F61O1-0PPNM-AR3R4 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELSW-F61O1-0PPNM-AR3R4
Description  Shwo
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F61O1-0PPNM-AR3R4 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F61O1-0PPNM-AR3R4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
LifecyclePhase:
Revision
: 16
Expired Period: Forever
Release Date:2014-03-12 09:27:40.0
DATASHEET
SMD HP Shwo
1W Series
4
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jan.14.2014. Issue No: DHE-0001156
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA)
IF
600[1]
mA
Max. Peak Pulse Current (mA)
IPulse
1000[2]
mA
Max. ESD Resistance
VB
8000
V
Reverse Voltage
VR
Note 3
V
Thermal Resistance
Rth
10 ~ 12[4]
°C/W
Max. Junction Temperature
TJ
125[5]
°C
Operating Temperature
TOpr
-40 ~ +100[6]
°C
Storage Temperature
TStg
-40 ~ +100
°C
Max. Soldering Temperature
TSol
260
°C
Max. Allowable Reflow Cycles
n/a
2
cycles
Notes:
1.
Maximum forward current for 1W is 600mA (Thermal Pad=25°C).
2.
Duty cycle = 1/10@1KHZ
3.
The Shwo series LEDs are not designed for reverse bias use.
4.
Thermal Resistance is 10°C/W for Blue, Green, Cool-White, Neutral-White,and Warm-White LEDs and 12°C/W
for Red, Amber, and Orange LEDs.
5.
Maximum junction temperature of Cool-White, Neutral-White, Warm-White, Blue, Green, Red, Amber, and
Orange LEDs is 125°C.
6.
Maximum Operating Temperature (Thermal Pad) of Cool-White, Neutral-White, Warm-White, Blue, Green, Red,
Amber, and Orange LEDs is 100°C.
JEDEC Moisture Sensitivity
Floor Life
Soak Requirements
Standard
Level
Time
(hours)
Conditions
Time
(hours)
Conditions
1
Unlimited
30°C / 85% RH
168 (+5/-0)
85°C / 85% RH


Similar Part No. - ELSW-F61O1-0PPNM-AR3R4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F61O1-0PPNM-AR3R4 EVERLIGHT-ELSW-F61O1-0PPNM-AR3R4 Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-F61O1-0PPNM-AR3R4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com