Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F71M1-0LPGS-C3000 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSW-F71M1-0LPGS-C3000
Description  Shwo
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F71M1-0LPGS-C3000 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSW-F71M1-0LPGS-C3000 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F71M1-0LPGS-C3000 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LifecyclePhase:
Revision
: 16
Expired Period: Forever
Release Date:2014-03-12 09:27:40.0
1 Copyright © 2011, Everlight All Rights Reserved. Release Date: Jan.14.2014 Issue No: DHE-0001156
www.everlight.com
Introduction
The Shwo series is a surface-mount high-power device
featuring high brightness combined with a compact size
that is suitable for all kinds of lighting applications such as
general illumination, flash, spot, signal, industrial and
commercial lighting. The thermal pad of this device is
electrically isolated providing convenience in thermal and electrical design. The Shwo series
is one of the most promising devices in Everlight’s high power product offering and is ready
to face the challenges of today’s Solid-State Lighting requirements.
Features
Applications
LM-80 Certified
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 1
RoHS compliant
Matches ANSI binning
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g.
steps, exit ways, etc.)
Exterior and Interior Automotive
Illumination
Agriculture Lighting
Shwo
1W Series
“Shwo [Shuo] is the English translation for the Chinese word meaning Twinkle and is
often used as a description of stars or other bright, celestial objects as seen from Earth.
This word is a relevant description for this bright, compact Everlight LED package.”


Similar Part No. - ELSW-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F71M1-0LPGS-C3000 EVERLIGHT-ELSW-F71M1-0LPGS-C3000 Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com