Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC245 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 74LVC245
Description  Octal Bidirectional Transceivers with 3-state Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LVC245 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  74LVC245 Datasheet HTML 1Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 2Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 3Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 4Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 5Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 6Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 7Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 8Page - Hitachi Semiconductor 74LVC245 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LVC245A
4
Electrical Characteristics
Ta = –40 to 85
°C
Item
Symbol V
CC (V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.7 to 3.6
2.0
V
4.5 to 5.5
V
CC×0.7
V
V
IL
2.7 to 3.6
0.8
V
4.5 to 5.5
V
CC×0.3
V
Output voltage
V
OH
2.7 to 5.5
V
CC –0.2 —
V
I
OH = –100 µA
2.7
2.2
V
I
OH = –12 mA
3.0
2.4
V
3.0
2.2
V
I
OH = –24 mA
4.5
3.8
V
V
OL
2.7 to 5.5
0.2
V
I
OL = 100 µA
2.7
0.4
V
I
OL = 12 mA
3.0
0.55
V
I
OL = 24 mA
4.5
0.55
V
Input current
I
IN
0 to 5.5
±5.0
µAV
IN = 5.5 V or GND
Off state output current
I
OZ
2.7 to 5.5
±5.0
µAV
IN = VCC, GND
V
OUT = 5.5 V or GND
Output leak current
I
OFF
0—
20
µAV
IN / V OUT = 5.5 V
Quiescent supply current I
CC
2.7 to 3.6
±10
µAV
IN / V OUT = 3.6 to 5.5 V
2.7 to 5.5
10
µAV
IN = VOUT or GND
∆I
CC
3.0 to 3.6
500
µAV
IN = one input at (VCC –0.6)V,
other inputs at V
CC or GND


Similar Part No. - 74LVC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
ON Semiconductor
74LVC245A ONSEMI-74LVC245A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
   Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
   Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
   Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
HD74LVCZ245A RENESAS-HD74LVCZ245A_15 Datasheet
124Kb / 11P
   Octal Bidirectional Transceivers with 3?뱒tate Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com