Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC573A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LVC573A
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC573A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LVC573A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LVC573A
6
Test Circuit
VCC
VCC
OC
LE
Pulse generator
Z
= 50
out
Output
500
C =
50 pF
L
450
OPEN
GND
S1
50
Scope
Input
1D to 8D
1Q to 8Q
Input
Pulse generator
Z
= 50
out
Symbol
S1
t
/ t
PLH
PHL
OPEN
GND
6 V
t
/ t
ZH
HZ
t
/ t
ZL
LZ
t
/ t / t
su
h
w
OPEN
GND
2
×Vcc
Vcc=2.7V,
3.3
±0.3V
Vcc=5.0
±0.5V
*1
See under table
Note:
1.
C
L includes probe and jig capacitance.
Waveforms – 1
Input LE
GND
tPLH
10 %
90 %
tr
tf
10 %
10 %
tr
90 %
10 %
tf
GND
tPHL
VOH
VOL
Input D
Output Q
90 %
90 %
VIH
VIH
Vref
Vref
Vref
Vref


Similar Part No. - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573AFPEL RENESAS-HD74LVC573AFPEL Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573ATELL RENESAS-HD74LVC573ATELL Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com