Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC573A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LVC573A
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVC573A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LVC573A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVC573A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HD74LVC573A
Octal D-type Transparent Latches with 3-state Outputs
ADE-205-116B(Z)
3rd Edition
December 1996
Description
The HD74LVC573A has eight D type latches with three state outputs in a 20 pin package. When the latch
enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D
inputs will be retained at the outputs until latch enable returns high again. When a high logic level is
applied to the output control input, all outputs go to a high impedance state, regardless of what signals are
present at the other inputs and the state of the storage elements. Low voltage and high speed operation is
suitable at the battery drive product (note type personal computer) and low power consumption extends the
life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
OUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
Function Table
Inputs
OC
LE
D
Output Q
L
HHH
LH
LL
LLX
Q
0
H
XXZ
H :
High level
L :
Low level
X :
Immaterial
Z :
High impedance
Q
0 :
Level of Q before the indicated steady input conditions were established.


Similar Part No. - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573AFPEL RENESAS-HD74LVC573AFPEL Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573ATELL RENESAS-HD74LVC573ATELL Datasheet
195Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LVC573A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com