Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4500GYT-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4500GYT-HF
Description  Simple Drive Requirement
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4500GYT-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4500GYT-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4500GYT-HF_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP4500GYT-HF
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V, ID=-5A
-
45.8
60
mΩ
VGS=-2.5V, ID=-3A
-
62.6
90
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-0.73
-1.5
V
gfs
Forward Transconductance
VDS=-10V, ID=-3A
-
12
-
S
IDSS
Drain-Source Leakage Current
VDS=-16V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+12V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
ID=-3A
-
9
14.4
nC
Qgs
Gate-Source Charge
VDS=-16V
-
1.3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
3
-
nC
td(on)
Turn-on Delay Time
VDS=-10V
-
8
-
ns
tr
Rise Time
ID=-1A
-
15
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-26
-
ns
tf
Fall Time
VGS=-5V
-
21
-
ns
Ciss
Input Capacitance
VGS=0V
-
710
1140
pF
Coss
Output Capacitance
VDS=-10V
-
125
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
110
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VSD
Forward On Voltage
2
IS=-2.1A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-3A, VGS=0V
-
19
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
10
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec, 90oC/W at steady state.


Similar Part No. - AP4500GYT-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results

Similar Description - AP4500GYT-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com