Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-F81N1-0LPGS-C4500 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # ELSW-F81N1-0LPGS-C4500
Description  Shwo
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-F81N1-0LPGS-C4500 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button ELSW-F81N1-0LPGS-C4500 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 13Page - Everlight Electronics Co., Ltd ELSW-F81N1-0LPGS-C4500 Datasheet HTML 14Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
LifecyclePhase:
Revision
: 16
Expired Period: Forever
Release Date:2014-03-12 09:27:40.0
DATASHEET
SMD HP Shwo
1W Series
10
Copyright © 2012, Everlight All Rights Reserved. Release Date: Jan.14.2014. Issue No: DHE-0001156
www.everlight.com
*Product lead time of at least 8 weeks.
Note:
Each 1W direct color PN is based on the min. bin and includes four adjacent bins.
Color
Order Code of ELSH
Minimum
Radiometric
Power (mW)
Peak Wavelength
(nm)
Forward
Voltage(V)
ELSW-Q91L1-0LPNM-CB4B6
275
445~460
2.95~3.85
*ELSW-Q91E1-0LPNM-AD3D8
275
645~675
1.75~2.95
*ELSW-Q61F1-0LPNM-AF3F8
125
715~745
1.75~2.95
Deep Red
Royal Blue
Far Red


Similar Part No. - ELSW-F81N1-0LPGS-C4500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-F81N1-0LPGS-C4500 EVERLIGHT-ELSW-F81N1-0LPGS-C4500 Datasheet
1Mb / 39P
   Small package with high efficiency
More results

Similar Description - ELSW-F81N1-0LPGS-C4500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com