Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSW-J21M3-0LPGS-D3000 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSW-J21M3-0LPGS-D3000
Description  Shwo
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSW-J21M3-0LPGS-D3000 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSW-J21M3-0LPGS-D3000 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSW-J21M3-0LPGS-D3000 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1 Copyright © 2012, Everlight All Rights Reserved. Release Date: 07.06.2012. Issue No: DHE-0001202
www.everlight.com
Introduction
The Shwo series is a surface-mount high-power device
featuring high brightness combined with a compact size
that is suitable for all kinds of lighting applications such as
general illumination, flash, spot, signal, industrial and
commercial lighting. The thermal pad of this device is
electrically isolated providing convenience in thermal and electrical design. The Shwo series
is one of the most promising devices in Everlight’s high power product offering and is ready
to face the challenges of today’s Solid-State Lighting requirements.
Features
Applications
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness, Forward
Voltage ,Wavelength and Chromaticity
Moisture Sensitivity Level: 1
RoHS compliant
Matches ANSI binning
Reliability testing conforms to IESNA LM80
Lumen maintenance test method
General Lighting
Decorative and Entertainment Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g. steps, exit
ways, etc.)
Exterior and Interior Automotive
Illumination
Shwo
3W Series
“Shwo [Shuo] is the English translation for the Chinese word meaning Twinkle and is
often used as a description of stars or other bright, celestial objects as seen from
Earth. This word is a relevant description for this bright, compact Everlight LED
package.”


Similar Part No. - ELSW-J21M3-0LPGS-D3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J21M3-0LPGS-D3500 EVERLIGHT-ELSW-J21M3-0LPGS-D3500 Datasheet
1Mb / 35P
   Shwo
More results

Similar Description - ELSW-J21M3-0LPGS-D3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSW-J31N3-0LPGS-D4000 EVERLIGHT-ELSW-J31N3-0LPGS-D4000 Datasheet
1Mb / 35P
   Shwo
ELSW-J41N3-0LPGS-D4500 EVERLIGHT-ELSW-J41N3-0LPGS-D4500 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11N1-1LPHC-C4000 EVERLIGHT-ELSWD-J11N1-1LPHC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSW-J21M3-0LPGS-D2700 EVERLIGHT-ELSW-J21M3-0LPGS-D2700 Datasheet
1Mb / 35P
   Shwo
ELSWD-J11C1-1LPGC-C4000 EVERLIGHT-ELSWD-J11C1-1LPGC-C4000 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J11N1-1LPHC-C4500 EVERLIGHT-ELSWD-J11N1-1LPHC-C4500 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J21C1-1LPHC-C5700 EVERLIGHT-ELSWD-J21C1-1LPHC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSWD-J31C1-1LPGC-C5700 EVERLIGHT-ELSWD-J31C1-1LPGC-C5700 Datasheet
1,008Kb / 32P
   Shwo
ELSW-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSW-F41Y1-0LPNM-AA3A5 Datasheet
1Mb / 46P
   Shwo
ELSW-F81N1-0LPGS-C4000 EVERLIGHT-ELSW-F81N1-0LPGS-C4000 Datasheet
1Mb / 46P
   Shwo
ELSW-E81B1-0LPNM-CB7B8 EVERLIGHT-ELSW-E81B1-0LPNM-CB7B8 Datasheet
1Mb / 46P
   Shwo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com