Electronic Components Datasheet Search |
|
AP4503BGM-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp. |
|
AP4503BGM-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp. |
1 / 7 page Advanced Power N AND P-CHANNEL ENHANCEMENT Electronics Corp. MODE POWER MOSFET ▼ Simple Drive Requirement N-CH BVDSS 30V ▼ Lower Gate Charge RDS(ON) 18mΩ ▼ Fast Switching Performance ID 8.2A ▼ RoHS Compliant & Halogen-Free P-CH BVDSS -30V RDS(ON) 29mΩ Description ID -6.6A Absolute Maximum Ratings Symbol Parameter Rating Units N-channel P-channel VDS Drain-Source Voltage 30 -30 V VGS Gate-Source Voltage +20 +20 V ID@TA=25℃ Continuous Drain Current 3 8.2 -6.6 A ID@TA=70℃ Continuous Drain Current 3 6.6 -5.3 A IDM Pulsed Drain Current 1 30 -30 A PD@TA=25℃ Total Power Dissipation W TSTG Storage Temperature Range -55 to 150 ℃ TJ Operating Junction Temperature Range -55 to 150 ℃ Symbol Value Unit Rthj-a Maximum Thermal Resistance, Junction-ambient 3 62.5 ℃ /W Data and specifications subject to change without notice 200907032 Parameter 1 Thermal Data AP4503BGM-HF 2 Halogen-Free Product G2 D2 S2 G1 D1 S1 S1 G1 S2 G2 D1 D1 D2 D2 SO-8 Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. The SO-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. |
Similar Part No. - AP4503BGM-HF_14 |
|
Similar Description - AP4503BGM-HF_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |