Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBG130A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMBG130A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG130A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBG130A Datasheet HTML 1Page - Vishay Siliconix SMBG130A Datasheet HTML 2Page - Vishay Siliconix SMBG130A Datasheet HTML 3Page - Vishay Siliconix SMBG130A Datasheet HTML 4Page - Vishay Siliconix SMBG130A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBG5.0A thru SMBG188CA
www.vishay.com
Vishay General Semiconductor
Revision: 12-Nov-12
2
Document Number: 88456
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMBG/SMBJ5.8CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 50 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
GULL WING
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBG5.0A (5)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBG6.0A
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBG6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBG7.0A
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBG7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBG8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBG8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBG9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBG10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBG11A
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBG12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
(+)SMBG13A
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBG14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBG15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBG16A
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBG17A
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBG18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBG20A
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBG22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBG24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBG26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBG28A
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBG30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBG33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBG36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBG40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5
(+)SMBG43A
MT
CT
47.8
52.8
1.0
43
1.0
8.6
69.4
(+)SMBG45A
MV
MV
50.0
55.3
1.0
45
1.0
8.3
72.7
(+)SMBG48A
MX
MX
53.3
58.9
1.0
48
1.0
7.8
77.4
(+)SMBG51A
MZ
MZ
56.7
62.7
1.0
51
1.0
7.3
82.4
(+)SMBG54A
NE
NE
60.0
66.3
1.0
54
1.0
6.9
87.1
(+)SMBG58A
NG
NG
64.4
71.2
1.0
58
1.0
6.4
93.6
(+)SMBG60A
NK
NK
66.7
73.7
1.0
60
1.0
6.2
96.8
(+)SMBG64A
NM
NM
71.1
78.6
1.0
64
1.0
5.8
103
(+)SMBG70A
NP
NP
77.8
86.0
1.0
70
1.0
5.3
113
(+)SMBG75A
NR
NR
83.3
92.1
1.0
75
1.0
5.0
121
(+)SMBG78A
NT
NT
86.7
95.8
1.0
78
1.0
4.8
126
(+)SMBG85A
NV
NV
94.4
104
1.0
85
1.0
4.4
137
(+)SMBG90A
NX
NX
100
111
1.0
90
1.0
4.1
146
(+)SMBG100A
NZ
NZ
111
123
1.0
100
1.0
3.7
162
(+)SMBG110A
PE
PE
122
135
1.0
110
1.0
3.4
177
(+)SMBG120A
PG
PG
133
147
1.0
120
1.0
3.1
193
(+)SMBG130A
PK
PK
144
159
1.0
130
1.0
2.9
209
(+)SMBG150A
PM
PM
167
185
1.0
150
1.0
2.5
243
(+)SMBG160A
PP
PP
178
197
1.0
160
1.0
2.3
259
(+)SMBG170A
PR
PR
189
209
1.0
170
1.0
2.2
275
SMBG188A
PS
PS
209
231
1.0
188
1.0
2.0
328


Similar Part No. - SMBG130A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG130A GE-SMBG130A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG130A MICROSEMI-SMBG130A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG130A MICROSEMI-SMBG130A Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG130A MICROSEMI-SMBG130A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMBG130A VISHAY-SMBG130A Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - SMBG130A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com