Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP302A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP302A-Q1
Description  TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TMP302A-Q1 Datasheet HTML 1Page - Texas Instruments TMP302A-Q1 Datasheet HTML 2Page - Texas Instruments TMP302A-Q1 Datasheet HTML 3Page - Texas Instruments TMP302A-Q1 Datasheet HTML 4Page - Texas Instruments TMP302A-Q1 Datasheet HTML 5Page - Texas Instruments TMP302A-Q1 Datasheet HTML 6Page - Texas Instruments TMP302A-Q1 Datasheet HTML 7Page - Texas Instruments TMP302A-Q1 Datasheet HTML 8Page - Texas Instruments TMP302A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMP302A-Q1, TMP302B-Q1, TMP302C-Q1, TMP302D-Q1
SLOS889A – OCTOBER 2014 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
3.6
V
Input pin voltage
TRIPSET0, TRIPSET1, HYSTSET
–0.5
VS + 0.5
V
Output pin voltage
OUT
–0.5
3.6
V
Output pin current
OUT
10
mA
Operating temperature
–55
130
°C
Junction temperature range
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–60
150
°C
Human body model (HBM), per AEC Q100-002(1)
–2
2
V(ESD)
Electrostatic discharge
kV
Charged device model (CDM), per AEC Q100-011
–1
1
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Power supply voltage
1.4
3.3
3.6
V
Rpullup
Pullup resistor connected from OUT to VS
10
100
k
Ω
7.4 Thermal Information
DRL
THERMAL METRIC(1)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
200
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
RθJB
Junction-to-board thermal resistance
34.4
°C/W
ψJT
Junction-to-top characterization parameter
3.1
ψJB
Junction-to-board characterization parameter
34.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP302A-Q1 TMP302B-Q1 TMP302C-Q1 TMP302D-Q1


Similar Part No. - TMP302A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Similar Description - TMP302A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
RT9481 RICHTEK-RT9481 Datasheet
1Mb / 41P
   Easy to Use Power Bank Solution
RT9483 RICHTEK-RT9483 Datasheet
187Kb / 16P
   Easy to Use Power Bank Solution
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com