Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20U150FCT Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # S20U150FCT
Description  Extreme Low VF Trench MOS Schottky
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

S20U150FCT Datasheet(HTML) 1 Page - Compact Technology Corp.

  S20U150FCT Datasheet HTML 1Page - Compact Technology Corp. S20U150FCT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S20U150FCT_V0
1
Extreme Low VF Trench MOS Schottky
REVERSE VOLTAGE
- 150
Volts
FORWARD CURRENT - 20.0 Amperes
S20U150FCT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Characteristics
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
150
V
RMS Reverse Voltage
VRMS
105
V
Forward Voltage Drop
IF=5A
(TJ=25℃)
IF=5A
(TJ=125℃)
IF=10 A (TJ=25℃)
IF=10 A (TJ=125℃)
VF
Typ.
0.77
0.62
0.89
0.68
Max.
-
-
0.93
0.75
V
Maximum Reverse Current at Rated VRRM
TJ=25°C
TJ=125°C
IR
Typ.
3
4
Max.
30
10
µA
mA
Maximum Average Forward Rectified Current
Total device
Per diode
IO
20
10
A
Peak Forward Surge Current,
8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Peak Repetitive Reverse Current at tp=2 µs, 1 kHz,
IRRM
1.0
A
Operating and StorageTemperature Range
TJ, TSTG
-65 to +150
°C
FEATURES
Low power loss, high efficiency
Low forward voltage drop
High forward surge capability
High frequency operation
Excellent high temperature stability
Trench MOS Schottky technology
MECHANICAL DATA
Case: TO-220F
Polarity: As marked
Weight: Approximated 1.6 grams
TO-220F


Similar Part No. - S20U150FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S20U150CT CTC-S20U150CT Datasheet
485Kb / 2P
   Extreme Low VF Trench MOS Schottky
More results

Similar Description - S20U150FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S10U150CT CTC-S10U150CT Datasheet
484Kb / 2P
   Extreme Low VF Trench MOS Schottky
S20U150CT CTC-S20U150CT Datasheet
485Kb / 2P
   Extreme Low VF Trench MOS Schottky
S30U150CT CTC-S30U150CT Datasheet
489Kb / 2P
   Extreme Low VF Trench MOS Schottky
S10U150FCT CTC-S10U150FCT Datasheet
603Kb / 2P
   Extreme Low VF Trench MOS Schottky
S30U150FCT CTC-S30U150FCT Datasheet
608Kb / 2P
   Extreme Low VF Trench MOS Schottky
S20U200CT CTC-S20U200CT Datasheet
485Kb / 2P
   Extreme Low VF Trench MOS Schottky
S20U200FCT CTC-S20U200FCT Datasheet
603Kb / 2P
   Extreme Low VF Trench MOS Schottky
logo
SeCoS Halbleitertechnol...
SK5100C SECOS-SK5100C Datasheet
199Kb / 2P
   Low VF Trench MOS Barrier Schottky Rectifier
SRL5100 SECOS-SRL5100 Datasheet
115Kb / 2P
   Low VF Trench MOS Barrier Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
5V45A-SMAF YFWDIODE-5V45A-SMAF Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier, Low VF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com