Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F257A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F257A
Description  Quad 2-Input Multiplexer with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F257A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F257A Datasheet HTML 1Page - Fairchild Semiconductor 74F257A Datasheet HTML 2Page - Fairchild Semiconductor 74F257A Datasheet HTML 3Page - Fairchild Semiconductor 74F257A Datasheet HTML 4Page - Fairchild Semiconductor 74F257A Datasheet HTML 5Page - Fairchild Semiconductor 74F257A Datasheet HTML 6Page - Fairchild Semiconductor 74F257A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Functional Description
The 74F257A is a quad 2-input multiplexer with 3-STATE
outputs. It selects four bits of data from two sources under
control of a Common Data Select input. When the Select
input is LOW, the I0x inputs are selected and when Select
is HIGH, the I1x inputs are selected. The data on the
selected inputs appears at the outputs in true (non-
inverted) form. The device is the logic implementation of a
4-pole, 2-position switch where the position of the switch is
determined by the logic levels supplied to the Select input.
The logic equation for the outputs is shown below:
Zn = OE • (In• S + Ion • S)
When the Output Enable input (OE) is HIGH, the outputs
are forced to a high impedance OFF state. If the outputs
are tied together, all but one device must be in the high
impedance state to avoid high currents that would exceed
the maximum ratings. Designers should ensure the Output
Enable signals to 3-STATE devices whose outputs are tied
together are designed so there is no overlap.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S
Common Data Select Input
1.0/1.0
20
µA/−0.6 mA
OE
3-STATE Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
I0a–I0d
Data Inputs from Source 0
1.0/1.0
20
µA/−0.6 mA
I1a–I1d
Data Inputs from Source 1
1.0/1.0
20
µA/−0.6 mA
Za–Zd
3-STATE Multiplexer Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Output
Select
Data
Output
Enable
Input
Inputs
OE
S
I0
I1
Z
HX
X
X
Z
LH
X
L
L
LH
X
H
H
LL
L
X
L
LL
H
X
H


Similar Part No. - 74F257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F257A PHILIPS-74F257A Datasheet
79Kb / 10P
   Quad 2-line to 1-line selector/multiplexer, non-inverting 3-State
1995 Mar 31
logo
Fairchild Semiconductor
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
74F257APC NSC-74F257APC Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F257APC FAIRCHILD-74F257APC Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
74F257ASC NSC-74F257ASC Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 74F257A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257_15 Datasheet
101Kb / 9P
   Quad 2-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 8
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com