Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W8511H Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HM62W8511H
Description  4M High Speed SRAM (512-kword x 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62W8511H Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HM62W8511H Datasheet HTML 1Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 2Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 3Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 4Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 5Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 6Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 7Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 8Page - Hitachi Semiconductor HM62W8511H Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HM62W8511H Series
4
Operation Table
CS
OE
WE
Mode
V
CC current
I/O
Ref. cycle
H
××
Standby
I
SB, I SB1
High-Z
L
H
H
Output disable
I
CC
High-Z
L
L
H
Read
I
CC
Dout
Read cycle (1) to (3)
L
H
L
Write
I
CC
Din
Write cycle (1)
L
L
L
Write
I
CC
Din
Write cycle (2)
Note:
×: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
Voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC+0.5*
2
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Notes: 1. V
T (min) = –2.0 V for pulse width (under shoot) ≤ 8 ns
2. V
T (max) = VCC+2.0 V for pulse width (over shoot)≤ 8 ns
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC*
3
3.0
3.3
3.6
V
V
SS*
4
000V
Input voltage
V
IH
2.2
V
CC + 0.5*
2
V
V
IL
–0.5*
1
0.8
V
Notes: 1. V
IL (min) = –2.0 V for pulse width (under shoot) ≤ 8 ns
2. V
IH (max) = VCC+2.0 V for pulse width (over shoot)≤ 8 ns
3. The supply voltage with all V
CC pins must be on the same level.
4. The supply voltage with all V
SS pins must be on the same level.


Similar Part No. - HM62W8511H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM62W8511HCJP-10 HITACHI-HM62W8511HCJP-10 Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HCJP-10 RENESAS-HM62W8511HCJP-10 Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HCJP-12 RENESAS-HM62W8511HCJP-12 Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
More results

Similar Description - HM62W8511H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HI HITACHI-HM62W8511HI Datasheet
63Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1RW0408D RENESAS-R1RW0408D Datasheet
86Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511HC HITACHI-HM628511HC Datasheet
69Kb / 14P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
   R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com