Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4527GH Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # AP4527GH
Description  Simple Drive Requirement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4527GH Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

  AP4527GH_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4527GH_14 Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Outline : TO-252(4L)
Millimeters
MIN
NOM
MAX
A
6.40
6.6
6.80
B
5.2
5.35
5.50
C
9.40
9.80
10.20
D
2.40
2.70
3.00
P
S
0.50
0.65
0.80
E3
E3
3.50
4.00
4.50
R
0.80
1.00
1.20
G
0.40
0.50
0.60
H
2.20
2.30
2.40
J
0.45
0.50
0.55
K
0.00
0.075
0.15
L
0.90
1.20
1.50
M
5.40
5.60
5.80
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-252(4L)
SYMBOLS
1.27 REF.
ADVANCED POWER ELECTRONICS CORP.
A
B
C
M
D
H
J
K
L
Part Number
Package Code
4527GH
YWWSSS
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
LOGO
G
S
P
R
meet Rohs requirement


Similar Part No. - AP4527GH_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4527GH A-POWER-AP4527GH Datasheet
198Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
More results

Similar Description - AP4527GH_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com