Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4401DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4401DY
Description  P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4401DY Datasheet HTML 1Page - Vishay Siliconix SI4401DY Datasheet HTML 2Page - Vishay Siliconix SI4401DY Datasheet HTML 3Page - Vishay Siliconix SI4401DY Datasheet HTML 4Page - Vishay Siliconix SI4401DY Datasheet HTML 5Page - Vishay Siliconix SI4401DY Datasheet HTML 6Page - Vishay Siliconix SI4401DY Datasheet HTML 7Page - Vishay Siliconix SI4401DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si4401DY
Document Number: 71226
S09-0322-Rev. D, 02-Mar-09
www.vishay.com
1
P-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFETs
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 40
0.0155 at VGS = - 10 V
- 10.5
0.0225 at VGS = - 4.5 V
- 8.7
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 10.5
- 8.7
A
TA = 70 °C
- 8.3
- 5.9
Pulsed Drain Current
IDM
- 50
Continuous Source Current (Diode Conduction)a
IS
- 2.7
- 1.36
Maximum Power Dissipationa
TA = 25 °C
PD
3.0
1.5
W
TA = 70 °C
1.9
0.95
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
33
42
°C/W
Steady State
70
84
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
21
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4401DY-T1-E3 (Lead (Pb)-free)
Si4401DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
G
D
P-Channel MOSFET


Similar Part No. - SI4401DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY VISHAY-SI4401DY Datasheet
37Kb / 4P
   P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Apr-01
logo
VBsemi Electronics Co.,...
SI4401DY-T1-E3 VBSEMI-SI4401DY-T1-E3 Datasheet
1,015Kb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SI4401DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com