Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40S Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B40S
Description  Slim Profile Surface Mount Si-Bridge-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40S Datasheet(HTML) 2 Page - Diotec Semiconductor

  B40S_14 Datasheet HTML 1Page - Diotec Semiconductor B40S_14 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B40S ... B500S
Characteristics
Kennwerte
Max. average forward rectified current
Dauergrenzstrom
TA = 50°C
R-load
C-load
IFAV
IFAV
1.0 A 1)
0.8 A 1)
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 1 A
VF
< 1.1 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 5 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 40 K/W 1)
Type
Typ
Recomm. protective resistance
Empf. Schutzwiderstand
Rt [Ω] 3)
Admiss. load capacitor at Rt
Zul. Ladekondensator mit Rt
CL [µF] 4)
B40S
1.7
2900
0.005
B80S
3.5
1400
0.005
B125S
5.5
900
0.005
B250S
13.3
350
0.005
B380S
17.7
280
0.005
B500S
22.2
220
0.005
1
Mounted on P.C. Board with 13 x 13 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 13 x 13 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Per Diode – Pro Diode
3
Rt = VRRM / IFSM
Rt is the equivalent resistance of any protective element which ensures that IFSM is not exceeded
Rt ist der Ersatzwiderstand eines jeglichen Schutzelementes, welches ein Überschreiten von IFSM verhindert
4
CL = 5 ms / Rt
If the Rt CL time constant is less than a quarter of the 50Hz mains period, CL can be charged completely in a
single half wave of the mains. Hence, IFSM occurs as a single pulse only!
Falls die Rt CL Zeitkonstante kleiner ist als ¼ der 50Hz-Netzperiode, kann CL innerhalb einer einzigen
Netzhalbwelle komplett geladen werden. IFSM tritt dann nur als Einzelpuls auf!
2
http://www.diotec.com/
© Diotec Semiconductor AG
R
t
3)
C
L
4)
~
~
+
_
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
40a-(1a-1.1v)


Similar Part No. - B40S_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B40SR12424A DELTA-B40SR12424A Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
B40SR12424b DELTA-B40SR12424b Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
B40SR12424c DELTA-B40SR12424c Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
B40SR12424d DELTA-B40SR12424d Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
B40SR12424dp DELTA-B40SR12424dp Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
More results

Similar Description - B40S_14

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
B40S-SLIM DIOTEC-B40S-SLIM Datasheet
127Kb / 2P
   Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_10 Datasheet
106Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_11 Datasheet
126Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_13 Datasheet
131Kb / 2P
   Slim Profile Surface Mount Si-Bridge-Rectifiers
B40S15A DIOTEC-B40S15A Datasheet
102Kb / 2P
   "Slim" Profile Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S_13 Datasheet
132Kb / 2P
   Slim Profile Surface Mount Si-Bridge-Rectifiers
S40F DIOTEC-S40F_10 Datasheet
122Kb / 2P
   "Slim" Profile Fast Switching Surface Mount Si-Bridge-Rectifiers
B40FS DIOTEC-B40FS_13 Datasheet
125Kb / 2P
   Slim Profile Fast switching Surface Mount Si-Bridge-Rectifiers
MB2S DIOTEC-MB2S Datasheet
139Kb / 2P
   ?쏶lim??Profile Surface Mount Si-Bridge-Rectifiers
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
   Surface Mount Si-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com