Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNDR27F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJNDR27F
Description  Fixed Inductors (Chip Inductors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR27F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJNDR27F Datasheet HTML 1Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 2Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 3Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 4Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR27F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2±0.1
0.2±0.1
1.0±0.05
0.5±0.05
1.5 to 1.7
0.5 to 0.6
RF Type 1005 (0402)
Dimensions in mm (not to scale)
Recommended Land Pattern in mm (not to scale)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF1N0
□FB
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.05
400
ELJRF1N2
□FB
1.2
6000
0.06
400
ELJRF1N5
□FB
1.5
6000
0.07
400
ELJRF1N8
□FB
1.8
6000
0.08
400
ELJRF2N2
□FB
2.2
6000
0.09
400
ELJRF2N7
□FB
2.7
5500
0.10
400
ELJRF3N3
□FB
3.3
5500
0.12
400
ELJRF3N9
□FB
3.9
5200
0.15
360
ELJRF4N7
□FB
4.7
4800
0.17
360
ELJRF5N6
□FB
5.6
4600
0.19
340
ELJRF6N8
□FB
6.8
J : ±5 %
4000
0.30
320
ELJRF8N2
□FB
8.2
3500
0.35
320
ELJRF10N
□FB
10
G : ±2 %
2800
0.41
320
ELJRF12N
□FB
12
2800
0.45
320
ELJRF15N
□FB
15
2500
0.60
240
ELJRF18N
□FB
18
2200
0.70
240
ELJRF22N
□FB
22
2000
0.80
200
ELJRF27N
□FB
27
1800
1.20
200
ELJRF33N
□FB
33
1800
1.40
170
ELJRF39N
□FB
39
1800
1.70
150
ELJRF47N
□FB
47
1800
2.10
140
ELJRF56N
□FB
56
1500
2.50
130
ELJRF68N
□FB
68
1500
4.00
120
ELJRF82N
□FB
82
1400
4.50
110
ELJRFR10
□FB
100
1200
5.50
90
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRF2N0
□FB
2.0
D : ±0.3 nH
Z : ±0.2 nH
100
8
100
6000
0.08
400
ELJRF2N4
□FB
2.4
6000
0.09
400
ELJRF3N0
□FB
3.0
5500
0.11
400
ELJRF3N6
□FB
3.6
5300
0.14
380
ELJRF4N3
□FB
4.3
5000
0.16
360
ELJRF5N1
□FB
5.1
4700
0.18
350
ELJRF6N2
□FB
6.2
4300
0.25
330
ELJRF7N5
□FB
7.5
J : ±5 %
3700
0.33
320
ELJRF9N1
□FB
9.1
3100
0.38
320
ELJRF11N
□FB
11
G : ±2 %
2800
0.43
320
ELJRF13N
□FB
13
2600
0.53
280
ELJRF16N
□FB
16
2300
0.65
240
ELJRF20N
□FB
20
2100
0.75
220
ELJRF24N
□FB
24
1900
1.00
200
ELJRF30N
□FB
30
1800
1.30
190
ELJRF36N
□FB
36
1800
1.60
160
ELJRF43N
□FB
43
1800
1.90
150
Standard Parts (E24 series)
Standard Parts (E12 series)
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Standard Packing Quantity
● 10000 pcs./Reel
Sep. 2012
01
4


Similar Part No. - ELJNDR27F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNDR27J/KF PANASONIC-ELJNDR27J/KF Datasheet
1Mb / 15P
   Chip Inductors
ELJNDR27JKF PANASONIC-ELJNDR27JKF Datasheet
135Kb / 13P
   Chip Inductors
More results

Similar Description - ELJNDR27F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com