Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1CA103BA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECEC1CA103BA
Description  Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1CA103BA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECEC1CA103BA Datasheet HTML 1Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 2Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 3Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 4Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 5Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 6Page - Panasonic Semiconductor ECEC1CA103BA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
43
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HB Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
00
25 x 25
0.69
0.97
.658
0.580
20
22 x 35
0.75
.05
.382
0.484
25 x 30
0.75
.05
.382
0.484
50
22 x 40
0.82
. 5
. 05
0.387
25 x 30
0.82
. 5
. 05
0.387
30 x 25
0.82
. 5
. 05
0.387
80
22 x 45
0.95
.33
0.92
0.322
25 x 35
0.95
.33
0.92
0.322
30 x 30
0.95
.33
0.92
0.322
220
25 x 45
. 0
.54
0.754
0.264
30 x 30
. 0
.54
0.754
0.264
35 x 25
. 0
.54
0.754
0.264
270
25 x 50
.20
.68
0.6 40.2 5
30 x 35
.20
.68
0.6 40.2 5
35 x 30
.20
.68
0.6 40.2 5
330
30 x 45
.35
.89
0.502
0.20
35 x 35
.35
.89
0.502
0.20
390
30 x 50
.55
2. 70.425
0. 70
35 x 40
.55
2. 7
0.425
0. 70
470
35 x 45
.75
2.45
0.353
0. 4
560
35 x 50
.80
2.52
0.296
0. 8
00
22 x 30
0.64
0.90
.824
0.82
25 x 25
0.64
0.90
.824
0.82
20
22 x 35
0.72
.0
.520
0.684
25 x 30
0.72
.0
.520
0.684
50
22 x 40
0.79
.
.2 60.547
25 x 30
0.79
.
.2 60.547
30 x 25
0.79
.
.2 6
0.547
80
22 x 45
0.87
.22
.0 3
0.456
25 x 40
0.87
.22
.0 30.456
30 x 30
0.87
.22
.0 30.456
220
25 x 45
.00
.40
0.829
0.373
30 x 30
.00
.40
0.829
0.373
35 x 25
.00
.40
0.829
0.373
270
25 x 50
. 9
.67
0.675
0.304
30 x 40
. 9
.67
0.675
0.304
35 x 30
. 9
.67
0.675
0.304
330
30 x 45
.38
.93
0.553
0.249
35 x 35
.38
.93
0.553
0.249
390
30 x 50
.55
2. 7
0.468
0.2 0
35 x 40
.55
2. 7
0.468
0.2 0
470
35 x 45
.74
2.44
0.388
0. 75
560
35 x 50
.90
2.66
0.326
0. 47
82
22 x 30
0.56
0.78
2.022
0.708
25 x 25
0.56
0.78
2.022
0.708
00
22 x 35
0.64
0.90
.658
0.580
25 x 30
0.64
0.90
.658
0.580
20
22 x 40
0.72
.0
.382
0.484
25 x 35
0.72
.0
.382
0.484
30 x 25
0.72
.0
.382
0.484
50
22 x 50
0.79
.
. 05
0.387
25 x 40
0.79
.
. 05
0.387
30 x 30
0.79
.
. 05
0.387
35 x 25
0.79
.
. 05
0.387
80
25 x 45
0.87
.22
0.92
0.322
30 x 35
0.87
.22
0.92
0.322
220
25 x 50
.00
.40
0.754
0.264
30 x 40
.00
.40
0.754
0.264
35 x 30
.00
.40
0.754
0.264
270
30 x 45
. 9
.67
0.6 40.2 5
35 x 35
. 9
.67
0.6 40.2 5
330
30 x 50
.38
.93
0.502
0. 76
35 x 40
.38
.93
0.502
0. 76
390
35 x 45
.55
2. 7
0.425
0. 49
470
35 x 50
.74
2.44
0.353
0. 23
ECOS2GB181DA
ECEC2GB181DA
ECEC2GB271CA
ECEC2GB271DA
ECEC2GB271EA
ECEC2GB331DA
ECOS2GB391DA
ECOS2GB271CA
ECOS2GB181BA
ECEC2GB181BA
ECOS2GB181CA
ECEC2GB181CA
ECEC2GB151BA
ECOS2GB151CA
ECEC2GB151CA
ECEC2GB151DA
ECOS2SB331EA
ECEC2SB391DA
ECOS2GB271EA
ECOS2GB271DA
ECOS2SB391EA
ECOS2GB391EA
ECOS2GB471EA
ECOS2GB561EA
ECOS2SB391DA
ECOS2SB271EA
ECOS2SB331DA
ECEC2WB820BA
ECEC2WB820CA
ECOS2WB820BA
ECEC2SB471EA
ECOS2SB471EA
ECOS2SB561EA
ECOS2WB820CA
ECOS2WB101BA
ECOS2WB121CA
ECOS2WB101CA
ECOS2WB151DA
ECEC2WB121BA
ECEC2WB471EA
ECEC2WB221EA
ECOS2WB151EA
ECOS2WB181CA
ECOS2GB121CA
ECOS2GB151DA
Part numbers shown with 2 pins
Panasonic Part Number (By Terminal Length)
ECEC2GB121BA
ECOS2GB121BA
ECOS2GB151BA
400 VDC Working, 450 VDC Surge (continued)
D x L
Size (mm)
rms)
20°C ESR ( , max.)
4.0mm Length Terminal
6.3mm Length Terminal
ECOS2GB101CA
ECEC2GB101CA
ECEC2GB471EA
ECOS2GB221CA
ECEC2GB121CA
ECOS2GB221EA
ECOS2GB221DA
ECOS2GB331DA
ECOS2GB331EA
ECEC2GB221EA
ECEC2GB561EA
ECEC2SB271DA
ECEC2SB271EA
ECEC2SB331DA
ECEC2SB331EA
ECEC2SB221EA
ECEC2SB271CA
ECEC2SB121CA
ECEC2SB151BA
ECEC2SB151CA
ECEC2SB151DA
ECEC2SB181BA
ECEC2SB181CA
ECEC2SB181DA
ECEC2SB391EA
ECOS2WB471EA
ECEC2SB561EA
ECEC2WB101BA
ECEC2WB101CA
ECEC2WB121CA
ECOS2WB151CA
ECOS2WB151BA
ECEC2WB121DA
ECOS2WB121BA
ECOS2SB221DA
ECEC2SB221CA
ECEC2SB221DA
ECOS2SB271DA
ECOS2SB221EA
ECOS2SB271CA
ECOS2SB181BA
ECOS2SB181CA
ECOS2SB181DA
ECOS2SB221CA
ECOS2SB121CA
ECOS2SB151BA
ECOS2SB151CA
ECOS2SB151DA
ECOS2SB101CA
ECOS2SB121BA
ECEC2SB101BA
ECEC2SB101CA
ECEC2SB121BA
ECEC2GB221CA
ECEC2GB221DA
ECOS2WB181DA
ECEC2WB221CA
ECOS2WB221CA
420 VDC Working, 470 VDC Surge
ECOS2SB101BA
ECEC2GB331EA
ECEC2GB391DA
ECEC2GB391EA
ECOS2WB271DA
ECOS2WB271EA
ECOS2WB331DA
ECOS2WB331EA
ECOS2WB391EA
ECEC2WB331DA
ECEC2WB221DA
ECOS2WB221DA
ECOS2WB221EA
450 VDC Working, 500 VDC Surge
ECOS2WB121DA
ECEC2WB331EA
ECEC2WB391EA
ECEC2WB151BA
ECEC2WB151CA
ECEC2WB151DA
ECEC2WB151EA
ECEC2WB181CA
ECEC2WB181DA
ECEC2WB271DA
ECEC2WB271EA
Max 105°C R.C. (A


Similar Part No. - ECEC1CA103BA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CA103BA PANASONIC-ECEC1CA103BA Datasheet
583Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1CA103BA PANASONIC-ECEC1CA103BA Datasheet
593Kb / 7P
   Long 3000 hour life at 105C with high ripple current capability
ECEC1CA103BA PANASONIC-ECEC1CA103BA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1CA103BA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com