Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM658512ALFP-8V Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM658512ALFP-8V
Description  4 M PSRAM (512-kword x 8-bit) 2 k Refresh
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM658512ALFP-8V Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM658512ALFP-8V Datasheet HTML 6Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 7Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 8Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 9Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 10Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 11Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 12Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 13Page - Hitachi Semiconductor HM658512ALFP-8V Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HM658512A Series
10
AC Characteristics (Ta = 0 to +70°C, V
CC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.4 V, 2.4 V
• Input rise and fall time: 5 ns
• Timing measurement level: 0.8 V, 2.2 V
• Reference levels: V
OH = 2.0 V, VOL = 0.8 V
• Output load: 1 TTL Gate and C
L (100 pF) (Including scope and jig)
HM658512A
-7
-8
-10
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Random read or write cycle time
t
RC
115
130
160
ns
Chip enable access time
t
CEA
70
80
100
ns
Read-modify- write cycle time
t
RWC
160
180
220
ns
Output enable access time
t
OEA
—25
30
—40
ns
Chip disable to output in high-Z
t
CHZ
0
25
0
25
0
25
ns
1, 2
Chip enable to output in low-Z
t
CLZ
20
20
20
ns
2
Output disable to output in high-Z
t
OHZ
25
25
25
ns
1, 2
Output enable to output in low-Z
t
OLZ
0—
0
0—
ns
2
Chip enable pulse width
t
CE
70 n
10
µ
80 n
10
µ
100 n 10
µ
s
Chip enable precharge time
t
P
35
40
50
ns
Address setup time
t
AS
0—
0
0—
ns
Address hold time
t
AH
20
20
25
ns
Read command setup time
t
RCS
0—
0
0—
ns
Read command hold time
t
RCH
0—
0
0—
ns
Write command pulse width
t
WP
25
25
30
ns
Chip enable to end of write
t
CW
70
80
100
ns
Chip enable to output enable delay
time
t
OCD
0—
0
0—
ns
Output enable hold time
t
OHC
0—
0
0—
ns


Similar Part No. - HM658512ALFP-8V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
   High Current Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65-100LF ETC2-HM65-100LF Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65-100LF BITECH-HM65-100LF Datasheet
853Kb / 2P
   High Current Low Profile Surface Mount Inductors
More results

Similar Description - HM658512ALFP-8V

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
   4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
   4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com