Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X2464FPI Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HN58X2464FPI
Description  Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X2464FPI Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HN58X2464FPI Datasheet HTML 4Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 5Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 6Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 7Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 8Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 9Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 10Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 11Page - Hitachi Semiconductor HN58X2464FPI Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HN58X2408I/HN58X2416I/HN58X2432I/HN58X2464I
8
Device Address (A0, A1, A2)
Eight devices can be wired for one common data bus line as maximum. Device address pins are used to
distinguish each device and device address pins should be connected to V
CC or VSS.
When device address
code provided from SDA pin matches corresponding hard-wired device address pins A0 to A2, that one
device can be activated. As for 8k to 16k EEPROM, whole or some device address pins don't need to be
fixed since device address code provided from the SDA pin is used as memory address signal.
Pin Connections for A0 to A2
Pin connection
Memory size
Max connect
number
A2
A1
A0
Notes
8k bit
2
V
CC/VSS*
1
×*2
×
Use A0, A1 for memory address a8 and a9
16k bit
1
×××
Use A0, A1, A2 for memory address a8, a9 and
a10
32k bit
8
V
CC/VSS
V
CC/VSS
V
CC/VSS
64k bit
8
V
CC/VSS
V
CC/VSS
V
CC/VSS
Notes: 1. “V
CC/VSS” means that device address pin should be connected to VCC or VSS.
2.
× = Don’t care (Open is also approval.)
Write Protect (WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in
the following table. When the WP is low, write operation for all memory arrays are allowed. The read
operation is always activated irrespective of the WP pin status. WP should be fixed high or low during
operations since WP does not provide a latch function.
Write Protect Area
Write protect area
WP pin status 8k bit
16k bit
32k bit
64k bit
V
IH
Upper 1/2 (4k bit)
Upper 1/2 (8k bit)
Upper 1/4 (8k bit)
Upper 1/4 (16k bit)
V
IL
Normal read/write operation


Similar Part No. - HN58X2464FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2464FPIAG RENESAS-HN58X2464FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2464FPIAGE RENESAS-HN58X2464FPIAGE Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2464FPIE RENESAS-HN58X2464FPIE Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
More results

Similar Description - HN58X2464FPI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24128I HITACHI-HN58X24128I Datasheet
69Kb / 22P
   Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
R1EV24064ASAS0I RENESAS-R1EV24064ASAS0I_15 Datasheet
546Kb / 17P
   Two-wire serial interface 64k EEPROM (8-kword ??8-bit)
R1EX24064ASAS0A RENESAS-R1EX24064ASAS0A_09 Datasheet
909Kb / 24P
   Two-wire serial interface 64k EEPROM (8-kword 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com