Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58X24256TI Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HN58X24256TI
Description  Two-wire serial interface, 128k EEPROM (16-kword x 8-bit), 256k EEPROM (32-kword x 8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58X24256TI Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HN58X24256TI Datasheet HTML 4Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 5Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 6Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 7Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 8Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 9Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 10Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 11Page - Hitachi Semiconductor HN58X24256TI Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
HN58X24128I/HN58X24256I
8
Device Address (A0, A1, A2)
Eight devices can be wired for one common data bus line as maximum. Device address pins are used to
distinguish each device and device address pins should be connected to V
CC or VSS.
When device address
code provided from SDA pin matches corresponding hard-wired device address pins A0 to A2, that one
device can be activated.
Pin Connections for A0 to A2
Pin connection
Memory size
Max connect
number
A2
A1
A0
Note
128k bit
8
V
CC/VSS*
1 V
CC/VSS
V
CC/VSS
256k bit
8
V
CC/VSS
V
CC/VSS
V
CC/VSS
Note:
1. “V
CC/VSS” means that device address pin should be connected to VCC or VSS.
Write Protect (WP)
When the Write Protect pin (WP) is high, the write protection feature is enabled and operates as shown in
the following table. When the WP is low, write operation for all memory arrays are allowed. The read
operation is always activated irrespective of the WP pin status. WP should be fixed high or low during
operations since WP does not provide a latch function.
Write Protect Area
Write protect area
WP pin status 128k bit
256k bit
V
IH
Upper 1/8 (16k bit)
Upper 1/8 (32k bit)
V
IL
Normal read/write operation


Similar Part No. - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24256TIE RENESAS-HN58X24256TIE Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results

Similar Description - HN58X24256TI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG Datasheet
79Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
HN58X24128FPIAG RENESAS-HN58X24128FPIAG_15 Datasheet
111Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 쨈 8-bit) 256k EEPROM (32-kword 쨈 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_12 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 8-bit)
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Renesas Technology Corp
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com