Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF22 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HRF22
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HRF22 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HRF22 Datasheet HTML 1Page - Hitachi Semiconductor HRF22 Datasheet HTML 2Page - Hitachi Semiconductor HRF22 Datasheet HTML 3Page - Hitachi Semiconductor HRF22 Datasheet HTML 4Page - Hitachi Semiconductor HRF22 Datasheet HTML 5Page - Hitachi Semiconductor HRF22 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HRF22
4
Main Characteristic
1.6
75
100
25
50
0
125
1.0
0.8
0.6
0.4
0.2
0
1.0
0.8
0.6
0.4
0.2
1.6
1.2
0.8
0.4
0
0
0.25
0.20
0.15
0.10
0.05
40
30
20
10
0
0
DC
Sin
D=1/2
D=1/3
D=1/6
t
T
0A
D= \
T
t
DC
D=1/2
D=5/6
D=2/3
Sin
t
T
0V
D= \
T
t
1.2
1.4
DC
D=1/2
D=1/3
D=1/6
Sin
VR=VRRM
Tj=125°C
Alumina Board
1.6
75
100
25
50
0
125
1.0
0.8
0.6
0.4
0.2
0
1.2
1.4
DC
D=1/6
VR=VRRM
Tj=125°C
Print Board
D=1/2
Sin
D=1/3
Ambient temperature Ta (°C)
Fig.6 Average forward current Vs. Ambient temperature
Ambient temperature Ta (°C)
Fig.7 Average forward current Vs. Ambient temperature
Forward current I F (A)
Fig.5 Reverse power dissipation Vs. Reverse voltage
Fig.4 Forward p ower dissipation Vs. Forward current
Reverse voltage V
R
(V)


Similar Part No. - HRF22

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HRF EATON-HRF Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
HRF EATON-HRF Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
HOKURIKU ELECTRIC INDUS...
HRF-400A0-001A HOKURIKU-HRF-400A0-001A Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
HRF-400A0-001F HOKURIKU-HRF-400A0-001F Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
HRF-400A0-001G HOKURIKU-HRF-400A0-001G Datasheet
62Kb / 2P
   Low Power RF Transceiver Module
More results

Similar Description - HRF22

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com