Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6982GM-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP6982GM-HF
Description  Fast Switching Characteristic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6982GM-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP6982GM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP6982GM-HF_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CH-1 Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=8A
-
15
18
VGS=4.5V, ID=6A
-
23
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=8A
-
12
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=24V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+25V, VDS=0V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=8A
-
14
22
nC
Qgs
Gate-Source Charge
VDS=24V
-
4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
8
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
12
-
ns
tr
Rise Time
ID=1A
-
7
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
25
-
ns
tf
Fall Time
RD=15Ω
-9
-
ns
Ciss
Input Capacitance
VGS=0V
-
1050
1680
pF
Coss
Output Capacitance
VDS=25V
-
240
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
165
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.6
2.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=1.7A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
2
IS=8A, VGS=0V
-
23
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
15
-
nC
AP6982GM-HF
2


Similar Part No. - AP6982GM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6982GM A-POWER-AP6982GM Datasheet
102Kb / 7P
   Low On-resistance, Fast Switching Characteristic
More results

Similar Description - AP6982GM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com