Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS1545 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # PPS1545
Description  Surface Mount Schottky Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PPS1545 Datasheet(HTML) 2 Page - Diotec Semiconductor

  PPS1545 Datasheet HTML 1Page - Diotec Semiconductor PPS1545 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PPS1530 ... PPS1560
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 500 µA
typ. 15 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
< 2.0 K/W
Typical Junction Capacitance
Typische Sperrschichtkapazität
VR = 4 V
CJ
800 pF
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
[°C]
T
T
150
100
50
0
10
10
1
10
2
1
-2
10-1
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 125°C
j
T = 75°C
j
T = 50°C
j
T = 150°C
j
10
10
1
10
2
1
-2
10-1
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 100°C
j
T = 125°C
j
T = 50°C
j
T = 150°C
j
T = 25°C
j
T = 75°C
j
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
PPS1550...PPS1560
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
PPS1530...PPS1545
T = 25°C
j
T = 125°C
j


Similar Part No. - PPS1545

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS1545 DIOTEC-PPS1545 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1545 DIOTEC-PPS1545 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1545 DIOTEC-PPS1545 Datasheet
141Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1545 DIOTEC-PPS1545 Datasheet
186Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
PPS1545-3G DIOTEC-PPS1545-3G Datasheet
162Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS1545

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
   Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_13 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com