Electronic Components Datasheet Search |
|
F931C156MAA Datasheet(PDF) 2 Page - Nichicon corporation |
|
F931C156MAA Datasheet(HTML) 2 Page - Nichicon corporation |
2 / 2 page 22 A F930G226MAA 0.9 6 2.5 ∗ 33 A F930G336MAA 1.3 8 2.5 ∗ 47 A F930G476MAA 1.9 18 2.5 ∗ 68 A F930G686MAA 2.7 24 2.5 ∗ 100 A F930G107MAA 4.0 30 2.0 ∗ 100 B F930G107MBA 4.0 14 0.9 ∗ 150 B F930G157MBA 6.0 16 0.7 ∗ 220 B F930G227MBA 8.8 18 0.7 ∗ 220 C F930G227MCC 8.8 12 0.7 ∗ 330 C F930G337MCC 13.2 14 0.7 ∗ 470 N F930G477MNC 18.8 16 0.3 ∗ 680 N F930G687MNC 27.2 18 0.3 ∗ 10 A F930J106MAA 0.6 6 3.0 ∗ 15 A F930J156MAA 0.9 6 2.9 ∗ 22 A F930J226MAA 1.4 8 2.5 ∗ 33 A F930J336MAA 2.1 8 2.5 ∗ 47 A F930J476MAA 3.0 18 2.5 ∗ 47 B F930J476MBA 3.0 6 1.0 ∗ 68 A F930J686MAA 4.3 20 2.0 ∗ 68 B F930J686MBA 4.3 8 1.0 ∗ 100 A F930J107MAA 6.3 35 2.0 ± 15 100 B F930J107MBA 6.3 14 0.9 ∗ 100 C F930J107MCC 6.3 8 0.7 ∗ 150 B F930J157MBA 9.5 18 0.9 ∗ 150 C F930J157MCC 9.5 12 0.7 ∗ 220 B F930J227MBA 13.9 30 1.2 ± 15 220 C F930J227MCC 13.9 14 0.7 ∗ 220 N F930J227MNC 13.9 10 0.5 ∗ 330 N F930J337MNC 20.8 14 0.5 ∗ 470 N F930J477MNC 29.6 16 0.3 ∗ 6.8 A F931A685MAA 0.7 6 3.5 ∗ 10 A F931A106MAA 1.0 6 3.0 ∗ 15 A F931A156MAA 1.5 8 2.9 ∗ 22 A F931A226MAA 2.2 12 2.5 ∗ 22 B F931A226MBA 2.2 6 1.9 ∗ 33 A F931A336MAA 3.3 18 2.5 ∗ 33 B F931A336MBA 3.3 8 1.4 ∗ 47 A F931A476MAA 4.7 40 2.0 ± 15 47 B F931A476MBA 4.7 8 1.0 ∗ 47 C F931A476MCC 4.7 6 0.9 ∗ 68 B F931A686MBA 6.8 12 0.9 ± 15 68 C F931A686MCC 6.8 8 0.8 ∗ 100 B F931A107MBA 10.0 18 1.2 ± 15 100 C F931A107MCC 10.0 10 0.7 ∗ 100 N F931A107MNC 10.0 8 0.6 ∗ 150 C F931A157MCC 15.0 14 0.7 ∗ 150 N F931A157MNC 15.0 10 0.6 ∗ 220 N F931A227MNC 22.0 12 0.5 ∗ 330 N F931A337MNC 33.0 18 0.5 ∗ 4V 6.3 V *1 ∆C/C (%) Part Number Leakage Current (µA) Disspation Factor (%@120Hz) Case code ESR ( Ω@100kHz) Rated Volt Rated Capacitance (µF) 1 A F931C105MAA 0.5 4 7.5 ∗ 2.2 A F931C225MAA 0.5 4 5.0 ∗ 3.3 A F931C335MAA 0.5 4 4.5 ∗ 4.7 A F931C475MAA 0.8 6 4.0 ∗ 6.8 A F931C685MAA 1.1 6 3.5 ∗ 10 A F931C106MAA 1.6 6 3.0 ∗ 10 B F931C106MBA 1.6 6 2.0 ∗ 15 A F931C156MAA 2.4 10 3.0 ∗ 15 B F931C156MBA 2.4 6 2.0 ∗ 22 A F931C226MAA 3.5 15 3.0 ± 15 22 B F931C226MBA 3.5 8 1.9 ∗ 22 C F931C226MCC 3.5 6 1.1 ∗ 33 B F931C336MBA 5.3 8 1.9 ∗ 33 C F931C336MCC 5.3 6 1.1 ∗ 47 C F931C476MCC 7.5 8 0.9 ∗ 47 N F931C476MNC 7.5 6 0.7 ∗ 68 N F931C686MNC 10.9 6 0.6 ∗ 100 C F931C107MCC 16.0 15 0.7 ± 10 100 N F931C107MNC 16.0 10 0.6 ∗ 150 N F931C157MNC 24.0 15 0.6 ∗ 220 N F931C227MNC 35.2 25 0.7 ± 10 2.2 A F931D225MAA 0.5 4 5.0 ∗ 3.3 A F931D335MAA 0.7 4 4.5 ∗ 4.7 A F931D475MAA 0.9 6 3.0 ∗ 4.7 B F931D475MBA 0.9 6 2.8 ∗ 6.8 A F931D685MAA 1.4 6 3.5 ∗ 6.8 B F931D685MBA 1.4 6 2.5 ∗ 10 A F931D106MAA 2.0 8 3.5 ∗ 10 B F931D106MBA 2.0 6 2.1 ∗ 15 C F931D156MCC 3.0 6 1.2 ∗ 22 B F931D226MBA 4.4 8 1.9 ∗ 22 C F931D226MCC 4.4 8 1.1 ∗ 33 C F931D336MCC 6.6 8 1.1 ∗ 33 N F931D336MNC 6.6 6 0.7 ∗ 47 C F931D476MCC 9.4 10 1.1 ∗ 47 N F931D476MNC 9.4 8 0.7 ∗ 1 A F931E105MAA 0.5 4 7.5 ∗ 1.5 A F931E155MAA 0.5 4 6.7 ∗ 2.2 A F931E225MAA 0.6 6 6.3 ∗ 3.3 A F931E335MAA 0.8 6 6.0 ∗ 4.7 A F931E475MAA 1.2 8 4.0 ∗ 4.7 B F931E475MBA 1.2 6 2.8 ∗ 10 B F931E106MBA 2.5 12 1.9 ∗ 10 C F931E106MCC 2.5 6 1.5 ∗ 15 C F931E156MCC 3.8 8 1.2 ∗ 22 C F931E226MCC 5.5 8 1.1 ∗ 22 N F931E226MNC 5.5 6 0.7 ∗ 33 N F931E336MNC 8.3 8 0.7 ∗ 47 N F931E476MNC 11.8 8 0.7 ∗ 0.68 A F931V684MAA 0.5 4 7.6 ∗ 1 A F931V105MAA 0.5 4 7.5 ∗ 1.5 A F931V155MAA 0.5 6 7.5 ∗ 2.2 A F931V225MAA 0.8 6 7.0 ∗ 2.2 B F931V225MBA 0.8 4 3.8 ∗ 3.3 B F931V335MBA 1.2 4 3.5 ∗ 4.7 B F931V475MBA 1.6 8 3.1 ∗ 4.7 C F931V475MCC 1.6 6 1.8 ∗ 6.8 C F931V685MCC 2.4 6 1.8 ∗ 10 C F931V106MCC 3.5 6 1.6 ∗ 15 N F931V156MNC 5.3 6 0.7 ∗ 22 N F931V226MNC 7.7 8 0.7 ∗ 20V 25V 35 V *1 ∆C/C (%) Part Number Leakage Current (µA) Disspation Factor (%@120Hz) Case code ESR ( Ω@100kHz) Rated Volt Rated Capacitance (µF) 10 V 16 V SOLID TANTALUM ELECTROLYTIC CAPACITORS F93 Standard Ratings In case of capacitance tolerance ±10% type, K will be put at 9th digit of type numbering system. *1 : ∆C/C Marked "∗" I t e m A • B • C • N Case (%) Damp Heat ±10 Tempereature cycles ± 5 Resistance soldering heat ±5 Surge ± 5 Endurance ±10 CAT.8100B |
Similar Part No. - F931C156MAA |
|
Similar Description - F931C156MAA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |