Selected language     English  ▼


W005G Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. W005G
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 3 page
background image
W005G, W01G, W02G, W04G, W06G, W08G, W10G
www.vishay.com
Vishay General Semiconductor
Revision: 08-Jul-13
3
Document Number: 88769
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.1
0.01
1
10
100
1
10
100
0.1
t - Heating Time (s)
0.220 (5.6)
0.160 (4.1)
0.388 (9.86)
0.348 (8.84)
1.0 (25.4) MIN.
0.060 (1.52)
0.020 (0.51)
0.032 (0.81)
0.028 (0.71)
0.348 (8.84)
0.308 (7.82)
0.220 (5.6)
0.180 (4.6)
0.220 (5.6)
0.180 (4.6)
Case Style WOG




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl