Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3G-08 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # P3G-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3G-08 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button P3G-08 Datasheet HTML 5Page - Omron Electronics LLC P3G-08 Datasheet HTML 6Page - Omron Electronics LLC P3G-08 Datasheet HTML 7Page - Omron Electronics LLC P3G-08 Datasheet HTML 8Page - Omron Electronics LLC P3G-08 Datasheet HTML 9Page - Omron Electronics LLC P3G-08 Datasheet HTML 10Page - Omron Electronics LLC P3G-08 Datasheet HTML 11Page - Omron Electronics LLC P3G-08 Datasheet HTML 12Page - Omron Electronics LLC P3G-08 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
E2C/E2C-H
9
I/O Circuit Diagrams
Output con-
figuration
E2C-GE4A *
E2C-JC4A, E2C-JC4CH, E2C-JC4DH, E2C-JC4EH
NPN output
NPN output
Self-diag-
nosis Func-
tion
E2C-JC4AP
PNP Output
E2C-GF4A
Both NPN
and PNP
outputs
E2C-WH4A
E2C-AM4A
Transistor/
photocou-
pler
Relay out-
put
E2C-AK4A
47 V
2.2
14
9
13
4.7 k
0 V
12 to 24 VDC
* A voltage output can be used if the NO/NC switch on the
E2C-GE4A is set to NC, but an approximately 60-ms
pulse will be generated when the power supply is turned
ON. An initial reset will thus be required.
If the E2C-GF4A (model for PNP output) is used, the initial
pulse will not occur.
Proximity
Sensor
main
circuit
Output
100
mA
max.
47 V
2.2
Proximity
Sensor
main
circuit
Blue 0 V
Black Output
Brown
12 to 24 VDC
100 mA
max.
ZD
ZD
3.9
2.2
ZD
: VZ = 40 V
0 V
12 to 24 VDC
Proximity
Sensor
main
circuit
Blue
Orange
Self-diagnostic output
50 mA max.
Black
Output
Brown
100 mA
max.
Load
Stability
indicator
Detection
indicator
(Green)
(Red)
4.7 k
47 V
2.2
14
9
13
0 V
12 to 24 VDC
Proximity
Sensor
main
circuit
Output
100 mA
max.
47 V
47 V
2.2
2.2
7
5
8
6 12 to 24 VDC
Proximity
Sensor
main
circuit
0 V
Output 1 (PNP)
Output 2 (PNP)
200 mA
max.
7
1
2
8
47V
47V
2.2
2.2
0 V
12 to 24 VDC
Proximity
Sensor
main
circuit
Output 2 (PNP)
Output 1 (PNP)
200 mA
max.
47 V
6
5
Proximity
Sensor
main
circuit
Output (
−)
Output (+)
50 mA max.
2.2
Note: Terminals 1, 2, and 3 are the relay
contact output (SPDT).


Similar Part No. - P3G-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P3G-08 OMRON-P3G-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
P3G-08 OMRON-P3G-08 Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
P3G-08 OMRON-P3G-08 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
P3G-08 OMRON-P3G-08 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
P3G-08 OMRON-P3G-08 Datasheet
398Kb / 15P
   Solid-State Digital Timer
More results

Similar Description - P3G-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED02 OMRON-E2C-ED02 Datasheet
2Mb / 15P
   Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
logo
Rohm
BA7042 ROHM-BA7042 Datasheet
64Kb / 5P
   VCO with sensitivity adjustment function
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
   Triple Video Amplifier with Separate Enable Inputs
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com