Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3GA-11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P3GA-11
Description  Separate Amplifier Sensor with Sensitivity Adjustment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3GA-11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P3GA-11 Datasheet HTML 1Page - Omron Electronics LLC P3GA-11 Datasheet HTML 2Page - Omron Electronics LLC P3GA-11 Datasheet HTML 3Page - Omron Electronics LLC P3GA-11 Datasheet HTML 4Page - Omron Electronics LLC P3GA-11 Datasheet HTML 5Page - Omron Electronics LLC P3GA-11 Datasheet HTML 6Page - Omron Electronics LLC P3GA-11 Datasheet HTML 7Page - Omron Electronics LLC P3GA-11 Datasheet HTML 8Page - Omron Electronics LLC P3GA-11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CSM_E2C_E2C-H_DS_E_3_1
Separate Amplifier Proximity Sensor with Adjustment Potentiometer
E2C/E2C-H
Separate Amplifier Sensor with
Sensitivity Adjustment
• Compact design with smaller Sensor Head.
• Heat-resistance model available for application between
−10 and 200°C.
Be sure to read Safety Precautions on
page 15.
Ordering Information
Sensors [Refer to Dimensions on page 18.]
Standard Models
Heat-resistant Model
*1. Values in parentheses are for the maximum sensing distances at 23
°C.
Sensor
Appearance
Stable sensing area *
Model
3.5 dia.
E2C-CR8A 3M
3.8 dia.
E2C-CR8B 3M
M5
E2C-X1A 3M
5.4 dia.
E2C-C1A 3M
M8
E2C-X1R5A 3M
M12
E2C-X2A 3M
M18
E2C-X5A 3M
M30
E2C-X10A 3M
40 dia.
E2C-C20MA 3M
Shielded
0.8 (1.8) mm
0.8 (1.8) mm
1 (2) mm
1 (2) mm
1.5 (3) mm
2 (5) mm
5 (10) mm
10 (18) mm
Unshielded
20
(50) mm
* Self-diagnostic output, timer, and DIN Track mounting.
Amplifier Units
Model
Power
supply/
Output
Timer
func-
tion
Self-diag-
nostic
output
E2C-GE4A
DC/
(NPN)
---
---
E2C-GF4A
DC/
(PNP)
---
---
E2C-WH4A
DC/ NPN
PNP
---
---
E2C-JC4AP 2M *
DC/
(NPN)
Yes
Yes
E2C-JC4A 2M
DC/
(NPN)
Yes
---
E2C-AM4A
DC/ NPN
PNP
---
---
E2C-AK4A
AC
---
---
Combination
Note: Characteristics will change if the cable length changes. Do not cut or extend the cable.
Sensor
Appearance
Stable sensing area
Model
M8
E2C-X1R5AH
M12
E2C-X2AH
M18
E2C-X5AH
Shielded
1.5 mm
2 mm
5 mm
Amplifier Unit
Model
E2C-JC4CH
E2C-JC4DH
E2C-JC4EH
Combination


Similar Part No. - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P3GA-11 OMRON-P3GA-11 Datasheet
158Kb / 12P
   Digital Timer
P3GA-11 OMRON-P3GA-11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
P3GA-11 OMRON-P3GA-11 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
P3GA-11 OMRON-P3GA-11 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
P3GA-11 OMRON-P3GA-11 Datasheet
15Mb / 66P
   Digital Counter/Tachometer
More results

Similar Description - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED02 OMRON-E2C-ED02 Datasheet
2Mb / 15P
   Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
logo
Rohm
BA7042 ROHM-BA7042 Datasheet
64Kb / 5P
   VCO with sensitivity adjustment function
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
   Triple Video Amplifier with Separate Enable Inputs
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com