Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3GA-11 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P3GA-11
Description  Separate Amplifier Sensor with Sensitivity Adjustment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3GA-11 Datasheet(HTML) 4 Page - Omron Electronics LLC

  P3GA-11 Datasheet HTML 1Page - Omron Electronics LLC P3GA-11 Datasheet HTML 2Page - Omron Electronics LLC P3GA-11 Datasheet HTML 3Page - Omron Electronics LLC P3GA-11 Datasheet HTML 4Page - Omron Electronics LLC P3GA-11 Datasheet HTML 5Page - Omron Electronics LLC P3GA-11 Datasheet HTML 6Page - Omron Electronics LLC P3GA-11 Datasheet HTML 7Page - Omron Electronics LLC P3GA-11 Datasheet HTML 8Page - Omron Electronics LLC P3GA-11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
E2C/E2C-H
Amplifier Units
Model
E2C-GE4A
E2C-GF4A
E2C-JC4A
E2C-JC4AP
E2C-WH4A
E2C-AM4A
E2C-AK4A
Item
Power supply volt-
age (operating volt-
age range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max. *1
100 to 240 VAC
(90 to 264 VAC)
50/60 Hz
Current
consumption
25 mA max.
45 mA max.
25 mA max.
50 mA max.
55 mA max.
Sensing distance
adjustment range *2
20% min. of rated sensing distance with 4-
turn potentiometer
20% to 100% of rated sensing distance with 4-turn potentiometer
Differential travel
adjustment range
Differential travel fixed (10% max. of sensing distance)
1% to 5% of rated sensing distance
Re-
sponse
time
Solid-
state
(Refer to the response frequency of the Proximity Sensor.)
Relay
---
20 ms max.
Control
outputs
Solid-
state
NPN
Load resistance: 4.7
k
Ω,
100 mA max.
(40 VDC max.)
(Residual voltage:
1.5 V max.)
PNP
Load resistance: 4.7
k
Ω,
100 mA max.
(40 VDC max.)
(Residual voltage:
1.5 V max.)
NPN
Open-collector output
100 mA max.
(40 VDC max.)
(Residual voltage:
0.7 V max.)
(E2C-JC4AP: 1 V
max.)
NPN/PNP output
Open-collector output
200 mA max.
(40 VDC max.)
(Residual voltage: 1.5 V max.)
Transistor/photocou-
pler
50 mA max.
(40 VDC max.)
(Residual voltage:
2V max.)
Relay
---
Relay output, SPDT
2 A at 250 VAC, cos
φ
= 1
(resistive load) *3
Indicators
Detection indicator (red)
(OPERATION)
Detection indicator
(red) (OPERATION)
Stability indicator
(green) (STABILITY)
Detection indicator
(red) (OPERATION)
Detection indicator (red) (OPERATION)
Stability indicator (green) (STABILITY)
Operation mode
Changed with NO/NC switch.
Self-diagnostic
output
---
(E2C-JC4AP only)
Output transistor
turns ON when Sen-
sor open circuit or un-
stable sensing is
detected; solid-state
NPN
open-collector
50 mA max.
(40 VDC max.)
(Residual voltage:
1V max.)
---
Timer function
---
OFF-delay: 40
±10 ms
---
Cable length
compensation
between Sensor and
Amplifier Unit
---
(E2C-JC4AP only)
3 m/5 m, terminals
Short-plate switching
Shorted: 1 to 3 m
Open: 3 to 5 m
Switched between 3
and 5 m.
Mode switched with 4-position switch.
Ambient
temperature range
Operating/storage:
−10 to 55°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 85% (E2C-JC4AP: 35% to 95%) (with no condensation)
Temperature
influence
10% max. of sensing distance at 23
°C in the temperature range of −10 to 55°C
Voltage influence
DC Models:
±1% max. of sensing distance at rated voltage in the rated voltage ±20% range
AC Models:
±1% max. of sensing distance at rated voltage in the rated voltage ±10% range
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
DC Models: 1,000 VAC, 50/60 Hz for 1 min between current-carrying parts and case
AC Models: 1,500 VAC, 50/60 Hz for 1 min between current-carrying parts and case
Vibration resistance
Destruction: 10 to 25 Hz, 2-mm double ampli-
tude for 2 hours each in X, Y, and Z directions
Destruction: 10 to
55 Hz,
1.5-mm double ampli-
tude for 2 hours each
in X, Y, and Z direc-
tions
Destruction: 10 to 25 Hz, 2-mm double amplitude for 2 hours each in
X, Y, and Z directions


Similar Part No. - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P3GA-11 OMRON-P3GA-11 Datasheet
158Kb / 12P
   Digital Timer
P3GA-11 OMRON-P3GA-11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
P3GA-11 OMRON-P3GA-11 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
P3GA-11 OMRON-P3GA-11 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
P3GA-11 OMRON-P3GA-11 Datasheet
15Mb / 66P
   Digital Counter/Tachometer
More results

Similar Description - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-ED02 OMRON-E2C-ED02 Datasheet
2Mb / 15P
   Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
logo
Rohm
BA7042 ROHM-BA7042 Datasheet
64Kb / 5P
   VCO with sensitivity adjustment function
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
ELMOS Semiconductor AG
E909.07 ELMOS-E909.07 Datasheet
392Kb / 13P
   TRANSIMPEDANCE AMPLIFIER WITH HIGH SENSITIVITY
logo
Fairchild Semiconductor
RC6303 FAIRCHILD-RC6303 Datasheet
50Kb / 8P
   Triple Video Amplifier with Separate Enable Inputs
logo
Omron Electronics LLC
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com