Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9452GG-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9452GG-HF
Description  Lower gate charge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9452GG-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9452GG-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9452GG-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9452GG-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9452GG-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9452GG-HF_14 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower gate charge
BVDSS
20V
▼ Capable of 2.5V gate drive
RDS(ON)
50mΩ
▼ Single Drive Requirement
ID
4A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
100
℃/W
Data and specifications subject to change without notice
200806173
Halogen-Free Product
1
-55 to 150
AP9452GG-HF
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
+16
Continuous Drain Current, VGS @ 4.5V
3
4
Continuous Drain Current, VGS @ 4.5V
3
2.5
-55 to 150
Linear Derating Factor
0.01
Pulsed Drain Current
1
12
Total Power Dissipation
1.25
Thermal Data
Parameter
Storage Temperature Range
Operating Junction Temperature Range
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
G
D
S
D
G
D
S
SOT-89


Similar Part No. - AP9452GG-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9452GG-HF A-POWER-AP9452GG-HF_16 Datasheet
100Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9452GG-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30T03GH-HF A-POWER-AP30T03GH-HF Datasheet
99Kb / 4P
   Lower Gate Charge Lower Gate Charge
AP4434GM-HF A-POWER-AP4434GM-HF_14 Datasheet
98Kb / 4P
   Lower Gate Charge
AP2302N-HF A-POWER-AP2302N-HF_14 Datasheet
92Kb / 4P
   Lower Gate Charge
AP4434AGH-HF A-POWER-AP4434AGH-HF_14 Datasheet
65Kb / 4P
   Lower Gate Charge
AP4434AGM-HF A-POWER-AP4434AGM-HF_14 Datasheet
100Kb / 4P
   Lower Gate Charge
AP6970GN2-HF A-POWER-AP6970GN2-HF_14 Datasheet
107Kb / 4P
   Lower Gate Charge
AP62T03GJ A-POWER-AP62T03GJ_14 Datasheet
105Kb / 4P
   Lower Gate Charge
AP1332GEU-HF A-POWER-AP1332GEU-HF_14 Datasheet
61Kb / 4P
   Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF_14 Datasheet
81Kb / 4P
   Lower Gate Charge
AP62T03GH A-POWER-AP62T03GH_14 Datasheet
105Kb / 4P
   Lower Gate Charge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com