Electronic Components Datasheet Search |
|
ELJRE2N2FA Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ELJRE2N2FA Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 8 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Fixed Inductors (Chip Inductors) 123456789 10 11 Shape Size : mm (inch) Product code Inductance Packaging Design No. Taping Inductance tolerance F Chip Inductors RF RE 1005 (0402) 1608 (0603) 1.5 nH 10 nH 220 nH 1N5 10N R22 ±0.2 nH ±0.3 nH ±2 % ±5 % Z D G J 123456789 10 11 Chip Inductors High Frequency Use (Non Magnetic Core) Type: ELJRF ELJRE ■ Features ● High frequency capability due to its non magnetic core. ● Capable of being Re-flow or flow soldered. ● Unique Ceramic Core/Laser-cut Technology. ● Non polarity product. ● Good for mounting. ● RoHS compliant ■ Recommended Applications ● RF circuitry for cellular phones and wireless communication equipment. ■ Explanation of Part Numbers ■Storage Conditions ● Package : Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to direct sunlight and harmful gases and care should be taken so as not to cause dew. ● Operating Temperature : –40 to +85 °C ■Storage Period ● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt. ■Packaging Methods, Soldering Conditions and Safety Precautions Please see Data Files. Nov. 2013 02 2 |
Similar Part No. - ELJRE2N2FA |
|
Similar Description - ELJRE2N2FA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |