Electronic Components Datasheet Search |
|
EMK316BJ106MD-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
EMK316BJ106MD-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
1 / 2 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. CERAMIC CAPACITORS High Value Multilayer Ceramic Capacitors (High dielectric type) EMK316BJ106MD-T Features Item Summary 16V, X5R, 10μF, ±20%, 1206 Lifecycle Stage Mass Production Standard packaging quantity (minimum) Taping paper 4000pcs Products characteristics table CaseSize (EIA/JIS) 1206/3216 Rated Voltage (max) 16V Capacitance 10μF Capacitance Tolerance ±20% Resistance 100 MΩ・μF min. Dielectric Loss Tangent 10%MAX Temperature Characteristics (EIA/JIS) X5R/- Temperature Range (EIA/JIS) -55 to +85℃/- Capacitance Change (EIA/JIS) ±15/-% RoHS Compliance Yes Halogen Free Yes Soldering Method Reflow External Dimensions L 3.2mm ±0.15 W 1.6mm ±0.15 T 0.85mm ±0.10 e 0.5mm +0.35:-0.25 2014.12.08 1 / 1 |
Similar Part No. - EMK316BJ106MD-T |
|
Similar Description - EMK316BJ106MD-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |